Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14737 Datasheet HTML 1Page - Maxim Integrated Products MAX14737 Datasheet HTML 2Page - Maxim Integrated Products MAX14737 Datasheet HTML 3Page - Maxim Integrated Products MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(VIN = 4.3V, TA = +25ºC, unless otherwise noted.)
0.8
1.0
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
NORMALIZED ON-RESISTANCE
vs. INPUT VOLTAGE
NORMALIZED TO VIN= 4.3V
toc04
MAX14737
IOUT= 1A
0
2
4
6
8
10
12
14
16
18
20
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
IN VOLTAGE (V)
IN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VEN= VIN
toc01
TA = -40ºC
TA = +25ºC
TA = +85ºC
MAX14737
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-40
-15
10
35
60
85
TEMPERATURE (°C)
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
NORMALIZED TO +25°C
toc02
IOUT = 1A
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
OUTPUT CURRENT (A)
NORMALIZED ON-RESISTANCE
vs. OUTPUT CURRENT toc03
NORMALIZED TO
0.1A LOAD CURRENT
0.98
0.99
1.00
1.01
1.02
-40
-15
10
35
60
85
°
NORMALIZED OVLO THRESHOLD
vs. TEMPERATURE
toc05
NORMALIZED TO +25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
NORMALIZED DEBOUNCE TIME
vs. TEMPERATURE
toc06
NORMALIZED TO +25°C
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com