Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products MAX14737 Datasheet HTML 10Page - Maxim Integrated Products MAX14737 Datasheet HTML 11Page - Maxim Integrated Products MAX14737 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Detailed Description
The MAX14736/MAX14737 overvoltage-protection (OVP)
devices guard battery-powered modules in portable devices
against overvoltage faults. The low, 15mΩ (typ) on-resistance,
as well as the low 13µA (typ) quiescent supply current of the
devices minimize power consumption, making them an excel-
lent choice for low-power systems. Additionally, the devices
feature a precision overvoltage-lockout (OVLO) threshold,
ultra-fast response time, and surge suppression to ±35V,
which serve to provide excellent protection against even high-
slew rate, high-voltage transients.
The integrated power transistor in the devices is a
p-channel device, but the intrinsic body diode from OUT
to IN is removed through appropriate design techniques.
Consequently, when the switch is in the off state, reverse-
current blocking is inherent to the devices. The devices
feature a push-pull POK output that is driven low if either
an overvoltage, undervoltage, or thermal fault is detected;
or if the device is placed into shutdown mode.
The MAX14736 has an active-low enable pin (EN), while
the enable pin (EN) on MAX14737 is active-high. When
driven to the active state, the device is enabled. When driven
to the inactive state, the device is placed in a low-power
shutdown mode and the switch is kept in the off state.
Device Operation
The devices contain timing logic that controls the turn-
on of the internal FET. When the device is enabled and
VUVLO < VINT* < VOVLO, the internal gate-driver circuitry
is powered. After 15ms of debounce time, which prevents
false turn-on of the FET during startup, the soft-start function
limits inrush current through the FET for 30ms (typ).
At any time, if VINT* rises above VOLVO, or falls below
VUVLO, the FET is turned off and OUT is consequently
disconnected from IN.
*VINT = max(VIN, VOUT)
IN
OUT
GND
TIMING AND
CONTROL
LOGIC
GATE DRIVER
TEMPERATURE
FAULTS
IN
OUT
IN
OUT
EN
MAX14736/MAX14737
POK
POK
VOVLO
IN
OUT
IDEAL DIODES
(EN)*
* EN for MAX14736
EN for MAX14737
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 8
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com