Electronic Components Datasheet Search
  English  ▼

X  

MAX14737 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14737
Description  Protects Battery-Connected Modules with Minimal Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14737 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14737 Datasheet HTML 4Page - Maxim Integrated Products MAX14737 Datasheet HTML 5Page - Maxim Integrated Products MAX14737 Datasheet HTML 6Page - Maxim Integrated Products MAX14737 Datasheet HTML 7Page - Maxim Integrated Products MAX14737 Datasheet HTML 8Page - Maxim Integrated Products MAX14737 Datasheet HTML 9Page - Maxim Integrated Products MAX14737 Datasheet HTML 10Page - Maxim Integrated Products MAX14737 Datasheet HTML 11Page - Maxim Integrated Products MAX14737 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Note: All devices are specified over the -40°C to +85°C extended temperature range.
+Denotes lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
PART
ENABLE POLARITY
OVLO (V)
TOP MARK
PIN-PACKAGE
MAX14736EWL+T
EN
4.7
AKQ
9 WLP
MAX14737EWL+T
EN
5.2
AKR
9 WLP
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
9 WLP
W91K1+1
21-0760
Refer to
Application Note 1891
MAX14736/MAX14737
Precision, Ultra-Fast, Low Supply Current,
Bidirectional Overvoltage Protector
www.maximintegrated.com
Maxim Integrated │ 11
Chip Information
PROCESS: BiCMOS
Ordering Information
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com