Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
TCP3500/4000 Series
tech.support@psbel.com
MODEL
INPUT VOLTAGE
RANGE
NOMINAL
OUTPUT
VOLTAGE
OUTPUT
VOLTAGE
RANGE
MAX OUTPUT
CURRENT
MAX
OUTPUT
POWER
AVAILABILITY
TCP3500-1024G
180 – 528 Vrms,
50/60 Hz
28 V
Adjustable
10 – 32 VDC
125 ADC
3500 W
Mass production
TCP3500-H048G
180 – 528 Vrms,
50/60 Hz
48 V
Adjustable
10 – 50 VDC
73 ADC or pulse1
3500 W
Mass production
TCP3500-1048G
180 – 528 Vrms,
50/60 Hz
48 V
Adjustable
10 – 50 VDC
73 ADC
3500 W
Mass production
TCP4000-H0902
180 – 528 Vrms,
50/60 Hz
90 V
Adjustable
30 – 100 VDC
45 ADC or 39 A
pulse1
3500 / 4000 W
Mass production
1
PSU model with pulse load operation capability 0 – 100 kHz, 0 – 100% Duty, 0 A/Iout_max.
2
Output Power 4000W at Input Voltage range 340 – 528 Vrms (L-L)
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Input Voltage
3-phase (L-N / L-L), 3 wires + PE
115 - 277 / 200 - 480
V
Permitted variation (L-N / L-L)
104 - 305 / 180 - 528
V
Input Frequency
50/60
Hz
Permitted variation
47
63
Hz
Input Current
per Line at 3 x 180 V (line to line)
14
Arms
Input Current THDi
Typical
30
%
Power Factor
Load above 40%
94
Fuse
3 x 20 A, Fast acting
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Output Voltage
Adjustable or fixed (see Model Selection table)
Output Power Rating
3500
W
Output Current
Fixed or Adjustable (60 – 100%)
Efficiency
Input Voltage 400 Vrms (L-L) and load above 40%
94
%
Voltage Setting Accuracy
± 0.5
%
Line Regulation
Io = 0.5 * Io_nom
±0.5
%
Load Regulation
±0.3
%
Thermal Drift
±0.02
%/°C
Transient Response
load variation 10-100% and back:
Recovery time:
load variation 50-100% and back:
Recovery time:
±5
±3
2
0.4
%
ms
%
ms
Ripple
Vout_nom (BW 20 MHz)
1.5
%
Output Start Up
2
s
Rise Time
250
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com