Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCP3500/4000 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00509_AB
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Over Temperature Protection
Cooling Plate surface (PSU bottom side)
55
°C
Input Under Voltage Protection
3-phase (L-N / L-L)
104 / 180
V
Input Over Voltage Protection
3-phase (L-N / L-L)
305 / 528
V
Reversed Sense Output Protection
Latch type
Output Under Voltage Protection
Latch type – Fixed SW, based on Minimal Output
Voltage
50
85
%
Output Over Voltage Protection
Latch type – Fixed HW, based on Nominal Output
Voltage
Resettable – Floating SW, based on Output Voltage
Set Point (configurable)
115
+4
125
+6
%
V
Output Over Current
Short Circuit Protection
PSU starts operating as a current source, based on
Maximal Output Current
Latch type – Fixed SW, based on Maximal
Measured Output Current
Fast Acting Fuse for min. 120% of Rated Output
Current
104
114
112
122
%
%
Alarms
Input under and over voltage
Output under and over voltage
Output overload
Over temperature
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Insulation (Factory tested)
Input to output:
Input to chassis:
Output to chassis:
Signals to chassis:
2122 VDC
2122 VDC
500 VDC
500 VDC
Safety Standards
UL/CSA60950-1 2nd, EN60950-1 2nd and IEC60950-1 2nd
UL/CSA62368-1, IEC 62368-1
Emission Requirements
Radiated Emission
EN55011
Class A
Conducted Emissions
EN55011
Class A
Immunity Requirements
Electrostatic Discharge (ESD)
EN IEC 61204-3
±8 kV contact, ±15 kV air
Criterion A
Radiated Electromagnetic Field
EN IEC 61204-3
Criterion A
Electrical Fast Transients (EFT)/Burst
EN IEC 61204-3
Criterion A
Surge Immunity
EN IEC 61204-3
Criterion A
RF Conducted Immunity
EN IEC 61204-3
Criterion A
Useful Life Assessment
>5 years life at ambient temperature of +70°C and case temperature 55°C
>10 years of predicted electrolytic capacitor life at 55°C of case temperature and 100% load.
Voltage Sag
SEMI F47
(Nominal output voltage and current (up to max. 3.5 kW),
input voltage 200/208 VAC L-L and 400/480 VAC L-L)
Criterion A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com