Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TCP3500/4000 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Humidity
Operating range according IEC 60068-2-78
10
90
RH
Operating Temperature
Cold-plate cooling: of base plate (Tc - ref. point)
of ambient air temperature
0
0
+55
+70
°C
Storage Temperature
-40
+85
°C
LED NAME
COLOR
STATUS
OPERATING CONDITIONS
AC-OK
Green
ON
AC Input Voltage is within operation range
DC-OK
Green
ON
Output is Enabled and Operational
OT/FAIL
Orange
ON
Blinking
Over Temperature conditions inside the unit or FAIL appeared (e.g. Overload)
FW upgrade via RS485-1
PARAMETER
DESCRIPTION / CONDITION
Input Connector
4-pin, Pitch 7.62 mm (Weidmüller 1081850000, see Figure 1)
Output Connector
Bus bars, screw size M4, see Fig.1
Signal Input Connector
15-pin D-SUB Male (Würth Elektronik, 61801529221, see Figure 1)
Signal Output Connector
15-pin D-SUB Female (Würth Elektronik, 61801529321, see Figure 1)
Figure 1a. Rear View of TCP3500-1048G – Detail of Signal Connectors Pin Position
7.1 GUI (GRAPHIC USER INTERFACE) AND RS485 COMMUNICATION PROTOCOL
Bel Power Solutions provides a Windows® XP/Vista/Win7 compatible Graphical User Interface SW for TCP/TXP3500/4000
PSU’s program, control and monitor via Serial Communication Interface – RS485.
The SW GUI can be downloaded from: belfuse.com/power-solutions.
For detailed information please see Communication Manual (BCA.00140) or contact Bel Power Solutions sales representative.
7.2 LED SIGNALING



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com