Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 9 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TCP3500/4000 Series
9
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00509_AB
ITEM
DESCRIPTION
ORDERING
PART
NUMBER
SOURCE
SW GUI
Bel Power Solutions
Graphical User Interface
Windows XP/Vista/7 compatible GUI to
program, control and monitor TCP3500
PSU (and other Serial Communication
units)
N/A
belfuse.com/power-solutions
Mounting Screws
M4 x 80mm, Hex socket
XFM.00183.0
BOSSARD: 3186737
AC Input connector
4-pin Straight Cable Receptacle (Female)
ZES.00962
Weidmüller: 1173520000
Signal Connector
2-pin Straight Cable Receptacle,
pitch 3.81 mm (SENSE+/-)
1-111890-G
PHOENIXCONTACT:
1803578
2 4-pin Straight Cable Receptacle,
pitch 3.81 mm (SENSE+/- and ACSH)
1-114261-G
PHOENIXCONTACT:
1803594
Adapter USB to RS485
USB 2.0 compatible adapter to dual
RS485 with jumpers for signals:
ENABLE, INHIBIT and ADDR-INIT_IN
VKA.00489.0
Bel Power Solutions
Signal End Board
PCB (ZGN.00383) with 15-pin DSUB
connector and 6 jumpers: two for
setting-up of 120
Ω resistors for RS485-1
and -2, and signals ADDR-INIT_OUT,
ENABLE, INHIBIT, PS PRESENT OUT
VKA.00488.0
Bel Power Solutions
Signal Connection Board
PCB (ZGN.00382) with two 15-pin DSUB
connectors. This PCB makes practical
and space saving solution for parallel
signals connection.
VKA.00487.0
Bel Power Solutions
2 For TCP4000-H090 only
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com