Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The TCP3500/4000 Series is a universal 3-phase AC-DC converter
with adjustable DC output and universal 3-phase AC input.
Conduction cooling (no fan) makes this power supply series suitable
for a wide variety of Industrial Applications that can utilize conduction
or liquid cooling, negating the use of fans.
Emphasis is given on reliability and long life. Parallel operation is
possible up to 16 units (57.6 kW).
The PSU includes DSP which enables monitoring of electrical
parameters (including input voltage of all 3 phases) and controlling the
PSU from system controller.
An RS485 bus is used for command, monitoring and diagnostic
information that can be supplied to a system controller.
•
World-Wide 3-phase Input Voltage Range
(nom. 115 - 277 V / 200 - 480 V)
•
Power Factor > 0.94
•
High Power Density 16 W/in3
•
94% Typical Efficiency
•
Parallel Operation up to 16 Units (up to 57.6 kW)
•
Cold-Plate Cooling System
•
0 to 50°C of Cold-Plate Surface,
0 to 70°C of Ambient Air Temperature
•
Possibility to Install 4 Units in 2U 19” Rack
•
Advanced Performance for Fast Dynamic and Pulsed Load
up to 100 kHz (Optional)
•
RS485 Interfaces
•
Wide Adjustable Output Voltage Range
•
Fast Output Voltage Set Response (5 ms)
•
Active Current Sharing
•
SEMI F47 Compliant


Similar Part No. - TCP3500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCP3500-1024G BEL-TCP3500-1024G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
TCP3500-1048G BEL-TCP3500-1048G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
TCP3500-H048G BEL-TCP3500-H048G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
TCP3500-H060G BEL-TCP3500-H060G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
More results

Similar Description - TCP3500

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
logo
Bel Fuse Inc.
TXP3500 BEL-TXP3500 Datasheet
455Kb / 9P
World-Wide 3-phase Input Voltage Range (nom. 200 Vrms to 480 Vrms)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com