Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 7 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TCP3500/4000 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00509_AB
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
RS485-1A
1
RS485 Half Duplex, Differential pair 1
RS485-1B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
RS485-2A
2
RS485 Half Duplex, Differential pair 2
RS485-2B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
ADDR-INIT OUT
3
The unit’s address change accepted
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
IN OK
4
AC Power Fail Warning - open collector,
external pull-up needed to max. 7 V
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
OUT OK
5
Output Voltage Fault - open collector, external
pull-up needed to max. 7 V
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
INHIBIT
6
Output Inhibit - Open circuit or “High” to SRTN
shuts OFF Vout
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
ENABLE
7
Power Supply Enable pin – for unit enable
short this pin to SRTN
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
SRTN1
8
Signal Return
-
-
-
RS485-1B
9
RS485 Half Duplex, Differential pair 1
RS485-1B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
RS485-2B
10
RS485 Half Duplex, Differential pair 2
RS485-2B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
Not Connected
11
-
-
-
-
OT/FAIL
12
Over Temperature /PSU Fail, open collector,
external pull-up needed to max.7 VDC
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
PS-PRESENT OUT
13
Power Supply Seated – last unit in string will
pull down this signal (external short to SRTN)
and informs Master Controller that all units in
string are seated and connected
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
ACSH
143
Active Current Share
SRTN
0.2 VDC
5.0 VDC
7 VDC
0.7 mA
Margin
15
Optional – analog signal for Output Voltage
adjustment - Not Connected
SRTN
-
-
Connector type:
Würth Elektronik, 61801529321
Mating part:
Würth Elektronik, 61801529221
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
SENSE+
1
Sense line for Vout+ – voltage drop
compensation for positive pole
Vout+
-
-
SENSE-
2
Sense line for Vout- – voltage drop
compensation for negative pole
Vout-
-
-
Connector type:
Phoenix Contact, MC 1.5/ 2-G-3.81
Mating part:
Phoenix Contact, MC 1.5/ 2-ST-3.81
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
ACSH
1
Active Current Share
SRTN
-
-
SRTN
2
Signal Return
-
-
-
SENSE+
3
Sense line for Vout+ – voltage drop
compensation for positive pole
Vout+
-
-
SENSE-
4
Sense line for Vout- – voltage drop
compensation for negative pole
Vout-
-
-
Connector type:
Phoenix Contact, MC 1.5/ 4-G-3.81
Mating part:
Phoenix Contact, MC 1.5/ 4-ST-3.81
8.4 SIGNAL OUTPUT CONNECTOR: PINOUT
8.5 SIGNAL OUTPUT CONNECTOR: PINOUT
8.6 SIGNAL OUTPUT CONNECTOR TCP4000-H090: PINOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com