Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TCP3500/4000 Series
tech.support@psbel.com
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
RS485-1A
1
RS485 Half Duplex, Differential pair 1
RS485-1B
+/-60 mA
@ 60
Ω, 0 pF2
-7 to 12 VDC
8 mA
RS485-2A
2
RS485 Half Duplex, Differential pair 2
RS485-2B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
ADDR-INIT IN
3
The unit’s address change required
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
IN OK
4
AC Power Fail Warning - open collector,
external pull-up needed to max. 7 V
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
OUT OK
5
Output Voltage Fault - open collector,
external pull-up needed to max. 7 V
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
INHIBIT
6
Output Inhibit - Open circuit or “High” to SRTN
shuts OFF Vout
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
ENABLE
7
Power Supply Enable pin – for unit enable short
this pin to SRTN
SRTN
<0.4 VDC
>2.5 VDC
3.6 VDC
0.2 mA
SRTN1
8
Signal Return
-
-
-
RS485-1B
9
RS485 Half Duplex, Differential pair 1
RS485-1B
+/-60 mA
@ 60
Ω, 50 pF2
-7 to 12 VDC
8 mA
RS485-2B
10
RS485 Half Duplex, Differential pair 2
RS485-2B
+/-60 mA
@ 60
Ω,50 pF2
-7 to 12 VDC
8 mA
Not Connected
11
-
-
-
-
OT/FAIL
12
Over Temperature /PSU Fail, open collector,
external pull-up needed to max. 7 VDC
SRTN
<0.4 VDC
Pull up
7 VDC
20 mA
PS-PRESENT
13
Power Supply Seated – signal internally
connected through 10 Ohm resistor to SRTN
SRTN
-
1 VDC
100 mA
ACSH
143
Active Current Share
SRTN
0.2 VDC
5.0 VDC
7 VDC
0.7 mA
Margin
15
Optional – analog signal for Output Voltage
adjustment – Not connected
-
-
-
Connector type:
Würth Elektronik, 61801529221
Mating part:
Würth Elektronik, 61801529321
1
SRTN and Vout- are connected together inside the power supply (not valid for TCP4000-H090). The power supplies with
maximal output voltage >60V have all signals on 15-pin DSUB connector galvanically isolated from main output (including
SENSE +/- and ACSH).
2
120
Ω resistors connection required between RS485-xA and RS485-xB on both sides externally.
3
The pin 14 on TCP4000-H090 is not internally connected to ACSH signal (see capture 8.6).
8.3 SIGNAL INPUT CONNECTOR: PINOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com