Electronic Components Datasheet Search
  English  ▼

X  

TCP3500 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # TCP3500
Description  World-Wide 3-phase Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TCP3500 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  TCP3500 Datasheet HTML 1Page - Bel Fuse Inc. TCP3500 Datasheet HTML 2Page - Bel Fuse Inc. TCP3500 Datasheet HTML 3Page - Bel Fuse Inc. TCP3500 Datasheet HTML 4Page - Bel Fuse Inc. TCP3500 Datasheet HTML 5Page - Bel Fuse Inc. TCP3500 Datasheet HTML 6Page - Bel Fuse Inc. TCP3500 Datasheet HTML 7Page - Bel Fuse Inc. TCP3500 Datasheet HTML 8Page - Bel Fuse Inc. TCP3500 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TCP3500/4000 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00509_AB
Figure 1b. Rear View of TCP3500-1024G (left) and TCP4000-H090 (right) - Connectors Position
SIGNAL NAME
PIN #
TYPE
RECOMMENDED WIRES
V MAX
I MAX
Earth
Earth / Chassis
Min. 2.5 mm2
AC Line 1
L1
Input Power AC Fused
Min. 2.5 mm2
528 Vrms (L-L)
16 Arms (per line)
AC Line 2
L2
Input Power AC Fused
Min. 2.5 mm2
AC Line 3
L3
Input Power AC Fused
Min. 2.5 mm2
Connector type:
Weidmüller 1081850000
Mating part:
Weidmüller 1173520000
SIGNAL NAME
PIN #
TYPE
SIGNAL REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
Vout+
+
Output Power DC
Vout-
see Model Selection table
Vout-
-
Output Power DC
-
see Model Selection table
Connector type:
Busbar see Figure 1
Mating part:
Ring terminal for M4 screw, with appropriate cross section for wire.
8.1 INPUT POWER CONNECTOR: PINOUT
8.2 POWER OUTPUTS CONNECTOR: +/- BUSBARS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com