| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 176 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 176 Page - NXP Semiconductors |
|
176 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor aaa-030672 IR_PSI5 SB1 SB0 `0' bit value `0' data bit tTRAN = tBIT * (2+DATASIZE+(P_CRC?3:1)) tBIT tFRAME D0 D1 `1' `1' `1' `0' `0' D3 D4 D2 D5 D6 `1' `1' `1' `0' `1' `1' D7 D8 D9 PAR SB1 Figure 87. Example Manchester encoded data transfer - PSI5-x10x 13.3.2.1 PSI5-x10P transmission mode The device can be configured to transmit 10-bit data with parity by setting the PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG register. Start Bits Sensor data (See Section 11.6.4.9) Parity S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 P Table 259. PSI5-x10P transmission mode 13.3.2.2 PSI5-x10C transmission mode The device can be configured to transmit 10-bit data with 3-bit CRC by setting the PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG register. Start bits Sensor data (See Section 11.6.4.9) CRC S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 C2 C1 C0 Table 260. PSI5-x10C transmission mode 13.3.2.3 PSI5-x16P transmission mode The device can be configured to transmit 16-bit data with parity by setting the PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG register. In 16-bit mode, the 10-bit initialization data is transmitted in the upper 10-bits of the data packet and the lower 6-bits are all zeros. Start bits Sensor data (See Section 11.6.4.9) Parity S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 P Init Data 0 0 0 0 0 0 10-bit Initialization Data as specified in Section 13.4.2.1 P Table 261. PSI5-x16P transmission mode 13.3.2.4 PSI5-x16C transmission mode The device can be configured to transmit 16-bit data with 3-bit CRC by setting the PDCMFORMAT bits in the SOURCEID_x registers and the P_CRC bit in the PSI5_CFG register. In 16-bit mode, the 10-bit initialization data is transmitted in the upper 10-bits of the data packet and the lower 6-bits are all zeros. Start bits Sensor data (See Section 11.6.4.9) CRC S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 C2 C1 C0 Table 262. PSI5-x16C transmission mode FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 176 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |