Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 178 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 178 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 174Page - NXP Semiconductors FXLS93333 Datasheet HTML 175Page - NXP Semiconductors FXLS93333 Datasheet HTML 176Page - NXP Semiconductors FXLS93333 Datasheet HTML 177Page - NXP Semiconductors FXLS93333 Datasheet HTML 178Page - NXP Semiconductors FXLS93333 Datasheet HTML 179Page - NXP Semiconductors FXLS93333 Datasheet HTML 180Page - NXP Semiconductors FXLS93333 Datasheet HTML 181Page - NXP Semiconductors FXLS93333 Datasheet HTML 182Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
16-bit data values
10-bit data value
Dec
Hex
Dec
Binary
Hex
Description
(EMSG_EXT = 1 in PSI5_CFG)
Description
(EMSG_EXT = 0 in
PSI5_CFG)
+32576
7F40
+509
1FD
+32512
7F00
+508
1FC
+32448
7EC0
+507
1FB
+32384
7E80
+506
1FA
+32320
7E40
+505
1F9
+32256
7E00
+504
1F8
+32192
7DC0
+503
1F7
+32128
7D80
+502
1F6
+32064
7D40
+501
1F5
+32000
7D00
+500
1F4 Reserved
Sensor Defect
Error
+31936
7CC0
+499
1F3
+31872
7C80
+498
1F2
+31808
7C40
+497
1F1
+31744
7C00
+496
1F0
Reserved
Reserved
+31680
7BC0
+495
1EF Communication Error (OSCTRAIN_ERR
bit)
+31616
7B80
+494
1EE Test Mode Enabled (TESTMODE bit set)
+31552
7B40
+493
1ED Offset Error (CH0 or CH1 OFFSET_
ERR bit set)
+31488
7B00
+492
1EC Temperature Error (TEMP0_ERR or
TEMP1_ERR bit set)
+31424
7AC0
+491
1EB Memory Error (F_OTP_ERR, U_OTP_
ERR or U_RW_ERR set)
Reserved (Error
Mapped to 0x1F4)
+31360
7A80
+490
1EA Sensor Self-test Error (CH0 or CH1 ST_
ERROR bit set)
Sensor Self-test
Error
+31296
7A40
+489
1E9 Reserved
Reserved
+31232
7A00
+488
1E8 Sensor Busy
Sensor Busy
+31168
79C0
+487
1E7 Sensor Ready
Sensor Ready
+31104
7980
+486
1E6 Sensor Ready, but Unlocked
Sensor Ready, but
Unlocked
+31040
7940
+485
1E5
+30976
7900
+484
1E4
+30912
78C0
+483
1E3
Reserved
Reserved
NA
NA
+482
1E2 Bidirectional Communication: RC "Error" Bidirectional
Communication:
RC "Error"
Table 264. PSI5 data values...continued
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
178 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com