Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 209 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 209 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 205Page - NXP Semiconductors FXLS93333 Datasheet HTML 206Page - NXP Semiconductors FXLS93333 Datasheet HTML 207Page - NXP Semiconductors FXLS93333 Datasheet HTML 208Page - NXP Semiconductors FXLS93333 Datasheet HTML 209Page - NXP Semiconductors FXLS93333 Datasheet HTML 210Page - NXP Semiconductors FXLS93333 Datasheet HTML 211Page - NXP Semiconductors FXLS93333 Datasheet HTML 212Page - NXP Semiconductors FXLS93333 Datasheet HTML 213Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Bits[31:28]
Bits[27:24]
Bits[23:16]
Bits[15:8]
Bits[7:4]
Bits[3:0]
Polynomial
Seed
Command
0x0
Register address
Register data
0x0
4-bit CRC
x4 + 1
1010
0x8
0x0
22
C1
0x0
0xF
x4 + 1
1010
0x4
0x0
1F
C1
0x0
0xD
x4 + 1
1010
0xC
0x0
22
00
0x0
0x6
x4 + 1
1010
0x6
0x0
1F
C1
0x0
0xF
x4 + 1
1010
0x4
0x0
FF
5A
0x0
0x1
x4 + 1
1010
0xC
0x0
3E
00
0x0
0xB
x4 + 1
1010
0x6
0x0
FF
5A
0x0
0x3
Table 326. SPI 4-bit CRC calculation examples
14.4.3 Selectable 3-bit CRC
The user can select a 3-bit CRC instead of the default 8-bit CRC for the SPI by
programming the SPI_CFG register as described in Section 11.2.20.
14.4.3.1 SPI command format with 3-bit CRC
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register Access Command
Command
Fixed Bits:
Must = 0x0
Register Address
Register Data
Fixed Bits: Must = 0x00
3-bit CRC
C[3:0]
0
0
0
0
RA[7:1]
RA[0]
RD[7:0]
0
0
0
0
0
CRC[2:0]
Sensor Data Command
Command
Fixed Bits: Must = 0x00000
Fixed Bits: Must = 0x00
3-bit CRC
C[3:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CRC[2:0]
Table 327. SPI command format with 3-bit CRC
14.4.3.2 SPI response format with 3-bit CRC
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Response to Register Request
Command
Basic
Status
Unused
Data
= 0x0
Register Data: Contents
of RA[7:1] High Byte
Register Data: Contents
of RA[7:1] Low Byte
Unused Data = 0x00
3-bit CRC
C[0] C[3] C[2] C[1] ST[1:0]
0
0
RD[15:8]
RD[7:0]
0
0
0
0
0
CRC[2:0]
Response to Sensor Data Request
Command
Basic
Status
Sensor Data
Detail
Status
KAC
1
3-bit CRC
C[0] C[3] C[2] C[1] ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
KAC[3:0]
1
CRC[2:0]
Error Response to Register Request
Command
Basic
Status
Unused
Data
= 0x0
Register Data: Contents
of RA[7:1] High Byte
Register Data: Contents
of RA[7:1] Low Byte
Unused Data = 0x00
3-bit CRC
0
0
0
0
1
1
0
0
RD[15:8]
RD[7:0]
0
0
0
0
0
CRC[2:0]
Error Response to Sensor Data Request With Sensor Data
Command
Basic
Status
Sensor Data
Detail
Status
KAC
1
3-bit CRC
C[0] C[3] C[2] C[1]
1
1
SD[11:0]
Optional SD
resolution
SF[1:0]
KAC[3:0]
1
CRC[2:0]
Table 328. SPI response format with 3-bit CRC
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
209 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com