Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 210 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 210 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 206Page - NXP Semiconductors FXLS93333 Datasheet HTML 207Page - NXP Semiconductors FXLS93333 Datasheet HTML 208Page - NXP Semiconductors FXLS93333 Datasheet HTML 209Page - NXP Semiconductors FXLS93333 Datasheet HTML 210Page - NXP Semiconductors FXLS93333 Datasheet HTML 211Page - NXP Semiconductors FXLS93333 Datasheet HTML 212Page - NXP Semiconductors FXLS93333 Datasheet HTML 213Page - NXP Semiconductors FXLS93333 Datasheet HTML 214Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Error Response to Sensor Data Request Without Sensor Data
Command
Basic
Status
x
Unused Data = 0x0000
Detail
Status
Unused Data = 0x00
3-bit CRC
0
0
0
0
1
1
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SF[1:0]
0
0
0
0
0
CRC[2:0]
Table 328. SPI response format with 3-bit CRC...continued
14.4.3.3 Command error checking with 3-bit CRC
The device calculates a 3-bit CRC on the entire 32-bits of each command. Message data
is entered into the CRC calculator MSB first, consistent with the transmission order of the
message. If the calculated CRC does not match the transmitted CRC, the command is
ignored and the device responds with the SPI Error response.
The CRC decoding procedure is:
1. A seed value determined by the SPICRCSEED[2:0] value in the SPI_CFG register is
preset into the least significant bits of the shift register.
2. Using a serial CRC calculation method, the receiver rotates the received message
and CRC into the least significant bits of the shift register in the order received (MSB
first).
3. When the calculation on the last bit of the CRC is rotated into the shift register, the
shift register contains the CRC check result.
4. If the shift register contains all zeros, the CRC is correct.
5. If the shift register contains a value other than zero, the CRC is incorrect.
The CRC polynomial and seed are shown in Table 329.
Default polynomial
Non-direct seed
x3 + x + 1
SPICRCSEED[2:0]
Table 329. SPI command message CRC, 3 bit
Some example CRC calculations are shown in Table 263.
14.4.3.4 Response error checking with 3-bit CRC
The device calculates a CRC on the entire 32-bits of each response. Message data is
entered into the CRC calculator MSB first, consistent with the transmission order of the
message.
The CRC encoding procedure is:
1. A seed value determined by the SPICRCSEED[2:0] value is preset into the least
significant bits of the shift register.
2. Using a serial CRC calculation method, the transmitter rotates the transmitted
message into the least significant bits of the shift register, MSB first.
3. Following the transmitted message, the transmitter feeds three zeros into the shift
register, to match the length of the CRC.
4. When the last zero is fed into the input adder, the shift register contains the CRC.
5. The CRC is transmitted.
The CRC polynomial and seed are shown in Table 330.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
210 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com