Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 219 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 219 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 215Page - NXP Semiconductors FXLS93333 Datasheet HTML 216Page - NXP Semiconductors FXLS93333 Datasheet HTML 217Page - NXP Semiconductors FXLS93333 Datasheet HTML 218Page - NXP Semiconductors FXLS93333 Datasheet HTML 219Page - NXP Semiconductors FXLS93333 Datasheet HTML 220Page - NXP Semiconductors FXLS93333 Datasheet HTML 221Page - NXP Semiconductors FXLS93333 Datasheet HTML 222Page - NXP Semiconductors FXLS93333 Datasheet HTML 223Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
5. The master-receiver signals the end of the transfer to the slave transmitter.
Following a Not Acknowledge bit, the master can transmit either a STOP to terminate the
transfer, or a repeated START to initiate a new transfer.
An example ACK and NACK are shown in Figure 101.
aaa-030685
SDA
ACK
9th clock pulse
9th clock pulse
NACK
SCL
Figure 101. I2C acknowledge and not acknowledge transmission
15.5 I2C stop condition
A bus operation is always terminated with a stop condition (STOP) from the master.
A STOP is defined as a Low to high transition on SDA while SCL is high as shown in
Figure 102. After the STOP has been transmitted by the master, the bus is considered
free. Timing for the stop condition is specified in Section 10.14.
aaa-030686
SDA
STOP
SCL
Figure 102. I2C stop condition
15.6 I2C register transfers
15.6.1 Register write transfers
The device supports I2C register write data transfers. Register write data transfers are
constructed as follows:
1. The master transmits a START condition
2. The master transmits the 7-bit slave address
3. The master transmits a '0' for the Read/Write Bit to indicate a Write operation
4. The slave transmits an ACK
5. The master transmits the register address to be written
6. The slave transmits an ACK
7. The master transmits the data byte to be written to the register address
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
219 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com