| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 220 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 220 Page - NXP Semiconductors |
|
220 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 8. The slave transmits an ACK 9. The master transmits a STOP condition S Slave address W A Register address A REGISTER DATA A P Master transmission Slave transmission The device automatically increments the register address allowing for multiple register writes to be completed in one trans-action. In this case, the register write data transfers are constructed as follows: 1. The master transmits a START condition 2. The master transmits the 7-bit slave address 3. The master transmits a '0' for the Read/Write Bit to indicate a Write operation 4. The slave transmits an ACK 5. The master transmits the register address to be written 6. The slave transmits an ACK 7. The master transmits the data byte to be written to the register address 8. The slave transmits an ACK 9. The master transmits the data byte to be written to the register address +1 10.The slave transmits an ACK 11.Repeat step 9 and step 10 until all registers are written 12.The master transmits a STOP condition 15.6.2 Register read transfers The device supports I2C register read data transfers. Register read data transfers are constructed as follows: 1. The master transmits a START condition 2. The master transmits the 7-bit slave address 3. The master transmits a '0' for the Read/Write Bit to indicate a Write operation 4. The slave transmits an ACK 5. The master transmits the register address to be read 6. The slave transmits an ACK 7. The master transmits a repeat START condition 8. The master transmits the 7-bit slave address 9. The master transmits a '1' for the Read/Write Bit to indicate a Read operation 10.The slave transmits an ACK 11.The slave transmits the data from the register addressed 12.The master transmits a NACK 13.The master transmits a STOP condition S Slave address W A Register address A rSTART Slave address R A Register data N P Master transmission Slave transmission The device automatically increments the register address allowing for multiple register reads to be completed in one trans-action. In this case, the register read data transfers are constructed as follows: FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 220 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |