Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 39Page - Dialog Semiconductor AT25SL321 Datasheet HTML 40Page - Dialog Semiconductor AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor AT25SL321 Datasheet HTML 42Page - Dialog Semiconductor AT25SL321 Datasheet HTML 43Page - Dialog Semiconductor AT25SL321 Datasheet HTML 44Page - Dialog Semiconductor AT25SL321 Datasheet HTML 45Page - Dialog Semiconductor AT25SL321 Datasheet HTML 46Page - Dialog Semiconductor AT25SL321 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
42
AT25SL321
DS-25SL321–112H–2020-10
8.23 Deep Power Down (B9h)
Executing the Deep Power Down (DPD) instruction is the best way to put the device in the lowest power
consumption. The Deep Power Down instruction reduces the standby current (from ICC1 to ICC2, as specified in
Section 9.8, AC Electrical Characteristics). The instruction is entered by driving the CS pin low with following the
instruction code B9h. See Figure 8-37 and Figure 8-38.
The CS pin must go high exactly at the byte boundary (the latest eighth bit of instruction code been latched-
in); otherwise, the Deep Power Down instruction is not executed. After CS goes high, it requires a delay of tDP
before Deep Power Down mode is entered. While in DPD mode, only the Release Deep Power Down / Device ID
instruction, which restores the device to normal operation, is recognized. All other instructions are ignored,
including the Read Status Register instruction, which is always available during normal operation. Deep Power
Down Mode automatically stops at power-down, and the device always power-ups in the standby mode.
Figure 8-37. Deep Power Down Instruction (SPI Mode)
Figure 8-38. Deep Power Down Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com