Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 58 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 54Page - Dialog Semiconductor AT25SL321 Datasheet HTML 55Page - Dialog Semiconductor AT25SL321 Datasheet HTML 56Page - Dialog Semiconductor AT25SL321 Datasheet HTML 57Page - Dialog Semiconductor AT25SL321 Datasheet HTML 58Page - Dialog Semiconductor AT25SL321 Datasheet HTML 59Page - Dialog Semiconductor AT25SL321 Datasheet HTML 60Page - Dialog Semiconductor AT25SL321 Datasheet HTML 61Page - Dialog Semiconductor AT25SL321 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
57
AT25SL321
DS-25SL321–112H–2020-10
Number of Parameters
Headers
Start from 00h
06h
23:16
0000 0001
01h
Reserved
FFh
07h
31:24
1111 1111
FFh
JEDEC Parameter ID (LSB)
JEDEC Parameter ID
(LSB) = 00h
08h
07:00
0000 0000
00h
Parameter Table Minor
Revision
Start from 00h
09h
15:08
0000 0110
06h
Parameter Table Major
Revision
Start from 01h
0Ah
23:16
0000 0001
01h
Parameter Table Length
(double words)
How many DWORDs in
the parameter table
0Bh
31:24
0001 0000
10h
Parameter Table Pointer
Address of Adesto
Parameter Table
0Ch
07:00
0011 0000
30h
0Dh
15:08
0000 0000
00h
0Eh
23:16
0000 0000
00h
JEDEC Parameter ID (MSB)
JEDEC Parameter ID
(MSB):FFh
0Fh
31:24
1111 1111
FFh
JEDEC Parameter ID (LSB)
Adesto Manufacturer ID
10h
07:00
0001 1111
1Fh
Parameter Table Minor
Revision
Start from 00h
11h
15:08
0000 0000
00h
Parameter Table Major
Revision
Start from 01h
12h
23:16
0000 0001
01h
Parameter Table Length
(double words)
How many DWORDs in
the parameter table
13h
31:24
0000 0010
02h
Parameter Table Pointer
(PTP)
Address of Adesto
Parameter Table
14h
07:00
1000 0000
80h
15h
15:08
0000 0000
00h
16h
23:16
0000 0000
00h
Reserved
FFh
17h
31:24
0000 0001
01h
Table 8-9.
SFDP Signature and Headers (continued)
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com