Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 78 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 78 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor AT25SL321 Datasheet HTML 77Page - Dialog Semiconductor AT25SL321 Datasheet HTML 78Page - Dialog Semiconductor AT25SL321 Datasheet HTML 79Page - Dialog Semiconductor AT25SL321 Datasheet HTML 80Page - Dialog Semiconductor AT25SL321 Datasheet HTML 81Page - Dialog Semiconductor AT25SL321 Datasheet HTML 82Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
77
AT25SL321
DS-25SL321–112H–2020-10
11.3 8MA2 – USON
Top View
Bottom View
Side View
TITLE
GPC
YFG
8MA2
A
DRAWING NO. REV.
8MA2, 8-pad (3 x 4 x 0.55 mm Body), Thermally Enhanced
Plastic Ultra Thin Small Outline No Lead Package (USON)
Package Drawing Contact:
contact@adestotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com