Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 75 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 75 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 71Page - Dialog Semiconductor AT25SL321 Datasheet HTML 72Page - Dialog Semiconductor AT25SL321 Datasheet HTML 73Page - Dialog Semiconductor AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor AT25SL321 Datasheet HTML 77Page - Dialog Semiconductor AT25SL321 Datasheet HTML 78Page - Dialog Semiconductor AT25SL321 Datasheet HTML 79Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
74
AT25SL321
DS-25SL321–112H–2020-10
10.
Ordering Information
10.1 Ordering Code Detail
AT 2 5 S
3 2
M
E
HT
1–
–
L
Designator
Product Family
Device Density
321 = 32-megabit
Package Option
M = 8-pad, 5 x 6 x 0.6 mm UDFN
MB = 8-pad, 3 x 4 x 0.55 mm USON
S = 8-lead, 208-mil wide SOIC
SS = 8-lead, 150-mil SOIC
U = 8-ball 0.5 mm pitch dBGA
Device Grade
U = Green, Matte Sn or Sn alloy,
Industrial temperature range
(–40 °C to + 85 °C)
H = NiPdAu lead-frame
Industrial Temp range (-40 °C + 85 °C)
Shipping Carrier Option
T = Tape and reel
Operating Voltage
E = 1.7 V to 2.0 V
Ordering Code (1)
Package
Lead Finish
Operating
Voltage
Max. Freq.
(MHz)
Operation Range
AT25SL321-MHE-T
8MA1
NiPdAu
1.7 V - 2.0 V
104 MHz (2)
-40
℃ to 85 ℃
(Industrial
Temperature Range)
AT25SL321-SSHE-T
8S1
AT25SL321-MBUE-T
8MA2
AT25SL321-SUE-T
8S4
SnAgCu
AT25SL321-UUE-T (3)
8-WLCSP
1. The shipping carrier option code is not marked on the devices.
2. Contact Adesto for availability of 133 MHz operating frequency.
3. Contact Adesto for mechanical drawing or sales information.
Package Type
8S4
8-lead, 0.208" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8S1
8-lead, 150-mil narrow body JEDEC SOIC
8MA1
8-pad (5 x 6 x 0.6 mm body), Thermally Enhanced Plastic Ultra-Thin Dual Flat No-lead (UDFN)
8MA2
8-pad (3 x 4 x 0.55 mm body), Thermally Enhanced Plastic Ultra-Thin Small Outline No-lead (USON)
8-WLCSP
8-ball, 0.5mm pitch, die Ball Grid Array (dBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com