Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 54 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 54 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 50Page - Dialog Semiconductor AT25SL321 Datasheet HTML 51Page - Dialog Semiconductor AT25SL321 Datasheet HTML 52Page - Dialog Semiconductor AT25SL321 Datasheet HTML 53Page - Dialog Semiconductor AT25SL321 Datasheet HTML 54Page - Dialog Semiconductor AT25SL321 Datasheet HTML 55Page - Dialog Semiconductor AT25SL321 Datasheet HTML 56Page - Dialog Semiconductor AT25SL321 Datasheet HTML 57Page - Dialog Semiconductor AT25SL321 Datasheet HTML 58Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
53
AT25SL321
DS-25SL321–112H–2020-10
8.33 Burst Read with Wrap (0Ch)
The Burst Read with Wrap (0Ch) instruction provides an alternative way to perform the read operation with Wrap
Around in QPI mode. The instruction is similar to the Fast Read (0Bh) instruction in QPI mode, except the
addressing of the read operation needs to Wrap Around to the beginning boundary of the “Wrap Length” once
the ending boundary is reached.
The Wrap Length and the number of dummy of clocks can be configured by the Set Read Parameters (C0h)
instruction.
Figure 8-53. Burst Read with Wrap instruction (QPI Mode, 80 MHz)
Figure 8-54. Burst Read with Wrap instruction (QPI Mode, 104 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com