Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 11Page - Dialog Semiconductor AT25SL321 Datasheet HTML 12Page - Dialog Semiconductor AT25SL321 Datasheet HTML 13Page - Dialog Semiconductor AT25SL321 Datasheet HTML 14Page - Dialog Semiconductor AT25SL321 Datasheet HTML 15Page - Dialog Semiconductor AT25SL321 Datasheet HTML 16Page - Dialog Semiconductor AT25SL321 Datasheet HTML 17Page - Dialog Semiconductor AT25SL321 Datasheet HTML 18Page - Dialog Semiconductor AT25SL321 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
14
AT25SL321
DS-25SL321–112H–2020-10
8.
Instructions
The SPI instruction set of the AT25SL321 consists of thirty eight basic instructions and the QPI instruction set
of the AT25SL321 consists of thirty- one basic instructions that are fully controlled through the SPI bus (see
Instruction Set Table 8-1 and Table 8-2). Instructions are initiated with the falling edge of Chip Select (CS). The
first byte of data clocked into the input pins (SI or IO [3:0]) provides the instruction code. Data on the SI input
is sampled on the rising edge of clock with most significant bit (MSB) first.
Instructions are completed with the rising edge of edge CS. Clock relative timing diagrams for each instruction
are included in Figure 8-1 through Figure 8-63. All read instructions can be completed after any clocked bit.
However, all instructions that Write, Program or Erase must complete on a byte (CS driven high after a full 8-bit
have been clocked) otherwise the instruction needs to be terminated. This feature further protects the device from
inadvertent writes. Additionally, while the memory is being programmed or erased, or when the Status Register is
being written, all instructions except for Read Register are ignored until the program or erase cycle has completed.
8.1
Instruction Set Tables
Table 8-1.
Manufacturer and Device Identification
ID code
Instruction
Manufacturer ID
Adesto
1Fh
90h, 92h, 94h, 9Fh
Device ID
AT25SL321
15h
90h, 92h, 94h, ABh
Memory Type ID
SPI / QPI
42h
9Fh
Capacity Type ID
32M
16h
9Fh
Table 8-2.
Instruction Set Table 1 (SPI instruction)(1)
Instruction Name
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
(Clock Number)
(0 – 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Write Enable
06h
Write Enable For
Volatile Status Register
50h
Write Disable
04h
Read Status Register-1
05h
(SR7-SR0)(2)
Read Status Register-2
35h
(SR15-SR8)(2)
Write Status Register-1
01h
(SR7-SR0)
(SR15-SR8)
Write Status Register-2
31h
(SR15-SR8)
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read Data
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Page Program
02h
A23-A16
A15-A8
A7-A0
(D7-D0)(3)
Enable QPI
38h
Block Erase (4 kB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32 kB)
52h
A23-A16
A15-A8
A7-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com