Electronic Components Datasheet Search
  English  ▼

X  

AT25SL321 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor AT25SL321 Datasheet HTML 32Page - Dialog Semiconductor AT25SL321 Datasheet HTML 33Page - Dialog Semiconductor AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor AT25SL321 Datasheet HTML 35Page - Dialog Semiconductor AT25SL321 Datasheet HTML 36Page - Dialog Semiconductor AT25SL321 Datasheet HTML 37Page - Dialog Semiconductor AT25SL321 Datasheet HTML 38Page - Dialog Semiconductor AT25SL321 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
34
AT25SL321
DS-25SL321–112H–2020-10
8.16 Quad Page Program (33h)
The Quad Page Program instruction is to program the memory as being ‘0’ at previously erased memory areas.
The Quad Page Program takes four pins: IO0, IO1, IO2 and IO3 as address and data input, which can improve
programmer performance and the effectiveness of application of lower clock less than 5 MHz. System using faster
clock speed does not get more benefit for the Quad Page Program as the required internal page program time is
far more than the time data clock-in.
To use Quad Page Program, the Quad Enable bit must be set, A Write Enable instruction must be executed
before the device accepts the Quad Page Program instruction (Status Register-1, WEL = 1). The instruction is
initiated by driving the CS pin low then sending the instruction code 33h with following a 24-bit address (A23-A0)
and at least one data, into the IO pins. The CS pin must be held low for the entire length of the instruction while
data is being sent to the device. All other functions of Quad Page Program are perfectly same as standard
Page Program. (See Figure 8-24 and Figure 8-25).
Figure 8-24. Quad Page Program Instruction (SPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com