Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 98 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 98 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 94Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 95Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 96Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 97Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 98Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 99Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 100Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 101Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 102Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
98
Chapter 9 Pin Diagram, Listings, and Descriptions
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
9.2 ICS1893AG Pin Descriptions
Table 9-1. MAC/Repeater Interface Pins
Signal Name
Pin No.
Signal Description
MDIO
32
Management Data Input/Output
MDC
33
Management Data Clock
RXD3
34
Receive Data 3
RXD2
35
Receive Data 2
RXD1
36
Receive Data 1
RXD0
37
Receive Data 0
RXDV
38
Receive Data Valid
RXCLK
40
Receive Clock
RXER
41
Receive Error
TXCLK
45
Transmit Clock
TXEN
46
Transmit Enable
TXD0
47
Transmit Data 0
TXD1
48
Transmit Data 1
TXD2
49
Transmit Data 2
TXD3
50
Transmit Data 3
COL
51
Collision Detect
CRS
52
Carrier Sense
Table 9-2. Transformer Interface Pins
Signal Name
Pin No.
Signal Description
TP_TXP
13
Twisted Pair Transmit Positive
TP_TXN
14
Twisted Pair Transmit Negative
TP_CT
11
Twisted Pair Center Tap
TP_RXP
21
Twisted Pair Receive Positive
TP_RXN
22
Twisted Pair Receive Negative
Table 9-3. Multifunction Pins: PHY Address and LED Pins
Signal Name
Pin No.
Signal Description
P4RD
8
Bit 4 of PHY Address, PHYAD[4], OR Receive LED
P3TD
6
Bit 3 of PHY Address, PHYAD[3], OR Transmit LED
P2LI
4
Bit 2 of PHY Address, PHYAD[2], OR Link Integrity LED
P1CL
3
Bit 1 of PHY Address, PHYAD[1], OR Collision LED
P0AC
1
Bit 0 of PHY Address, PHYAD[0], OR Activity LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com