Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 55 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 55 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 57Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 58Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 59Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 135 page
background image
Chapter 8 Management Register Set
ICS1893AG, Rev. A 04/14/05
April, 2005
55
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.1 Introduction to Management Register Set
This section explains in general terms the Management Register set discussed in this chapter. (For a
summary of the Management Register set, see Section 7.6.1, “Management Register Set Summary”.)
8.1.1 Management Register Set Outline
This section outlines the ICS1893AG Management Register set. Table 8-1 lists the ISO/IEC-specified
Management Register Set that the ICS1893AG implements.
Table 8-2 lists the ICS-specific registers that the ICS1893AG implements. These registers enhance the
performance of the ICS1893AG and provide the Station Management entity (STA) with additional control
and status capabilities.
Table 8-1. ISO/IEC-Specified Management Register Set
Register Address
Register Name
Basic / Extended
0
Control
Basic
1Status
Basic
2,3
PHY Identifier
Extended
4
Auto-Negotiation Advertisement
Extended
5
Auto-Negotiation Link Partner Ability
Extended
6
Auto-Negotiation Expansion
Extended
7
Auto-Negotiation Next Page Transmit
Extended
8
Auto-Negotiation Next Page Link Partner Ability
Extended
9 through 15
Reserved by IEEE
Extended
16 through 31
Vendor-Specific (ICS) Registers
Extended
Table 8-2. ICS-Specific Registers
Register Address
Register Name
Basic / Extended
16
Extended Control
Extended
17
QuickPoll Detailed Status
Extended
18
10Base-T Operations
Extended
19
Auto-Negotiation Advertisement
Extended
20 through 31
Reserved by ICS
Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com