Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 53 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 53 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 57Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 135 page
background image
Chapter 7 Functional Blocks
ICS1893AG, Rev. A 04/14/05
April, 2005
53
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.6.2.7 Management Frame Turnaround
A valid management frame includes a turn-around field (TA), which is a 2-bit time space between the
REGAD field and the Data field. This time allows an ICS1893AG and an STA to avoid contentions during
read transactions. During an operation that is a:
• Read, an ICS1893AG remains in the high-impedance state during the first bit time and subsequently
drives its MDIO pin to logic zero for the second bit time.
• Write, an ICS1893AG waits while the STA transmits a logic one, followed by a logic zero on its MDIO pin.
7.6.2.8 Management Frame Data
A valid management frame includes a 16-bit Data field for exchanging the register contents between the
ICS1893AG and the STA. All Management Registers are 16 bits wide, matching the width of the Data field.
During a transaction that is a:
• Read, (OP is 10b) the ICS1893AG obtains the contents of the register identified in the REGAD field and
returns this Data to the STA synchronously with its MDC signal.
• Write, (OP is 01b) the ICS1893AG stores the value of the Data field in the register identified in the
REGAD field.
If the STA attempts to:
• Read from a non-existent ICS1893AG register, the ICS1893AG returns logic one for all bits in the Data
field, FFFFh.
• Write to a non-existent ICS1893AG register, the ICS1893AG isolates the Data field of the management
frame from every reaching the registers.
Note: The first Data bit transmitted and received is the most-significant bit of a Management Register, bit
X.15.
7.6.2.9 Serial Management Interface Idle State
The MDIO signal is in an idle state during the time between STA transactions. When the Serial
Management Interface is in the idle state, the ICS1893AG disables (that is, tri-states) its MDIO pin, which
enters a high-impedance state. The ISO/IEC 8802-3 standard requires that an MDIO signal be idle for at
least one bit time between management transactions. However, the ICS1893AG does not have this
limitation and can support a continual bit stream on its MDIO signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com