Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 46 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 46 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 44Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 45Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 47Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 48Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 50Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
46
Chapter 7 Functional Blocks
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.5 Functional Block: 10Base-T Operations
When configured for 10Base-T mode, the ICS1893AG MAC/Repeater Interface can be configured to
provide either a 10M MII (Media Independent Interface) or a 10M Serial Interface. The Twisted-Pair
Interface is automatically configured to provide a two-level, Manchester-encoded signal at the voltage
levels specified in the ISO/IEC standard. (For more information on the Twisted-Pair Interface, see Section
6.3, “Twisted-Pair Interface”.)
The 10Base-T and 100Base-TX operations differ as follows. 10Base-T operations are fundamentally
simpler than 100Base-TX operations. The data rate is slower, requiring less encoding than 100Base-TX
operations. In addition, the bandwidth requirements (and therefore the line attenuation issues) are not as
severe as with 100-MHz operations. Consequently, when an ICS1893AG is set for 10Base-T operations, it
requires fewer internal circuits in contrast to 100Base-TX operations. (For an overview of 10Base-T
operations, see Section 5.6, “10Base-T Operations”.).
7.5.1 10Base-T Operation: Manchester Encoder/Decoder
During data transmission the ICS1893AG acquires data from its MAC/Repeater Interface in either 4-bit
nibbles or as a serial bit stream. The ICS1893AG converts this data into a Manchester-encoded signal for
presentation to its MDI, as required by the ISO/IEC specification.
In a Manchester-encoded signal, all logic:
• Ones are:
– Positive during the first half of the bit period
– Negative during the second half of the bit period
• Zeros are:
– Negative during the first half of the bit period
– Positive during the second half of the bit period
During 10Base-T data reception, a Manchester Decoder translates the serial bit stream obtained from the
Twisted-Pair Receiver (MDI) into an NRZ bit stream. The Manchester Decoder then passes the data to the
MAC/Repeater Interface in either serial or parallel format, depending on the interface configuration.
Manchester-encoded signals have the following advantages:
• Every bit period has an encoded clock.
• The split-phase nature of the signal always provides a zero DC level regardless of the data (that is, there
is no baseline wander phenomenon).
The primary disadvantage in using Manchester-encoded signals is that it doubles the data rate, making it
operationally prohibitive for 100-MHz operations.
7.5.2 10Base-T Operation: Clock Synthesis
The ICS1893AG synthesizes the clocks required for synchronizing data transmission. In 10Base-T mode,
the MAC Interface provides a 10M MII (Media Independent Interface):
• 10M MII interface, the ICS1893AG synthesizes a 2.5-MHz clock for nibble-wide transactions
7.5.3 10Base-T Operation: Clock Recovery
The ICS1893AG recovers its receive clock from the Manchester-encoded data stream obtained from its
Twisted-Pair Receiver using a phase-locked loop (PLL). The ICS1893AG then uses this recovered clock for
synchronizing data transmission between itself and the MAC. Receive-clock PLL acquisitions begin with
reception of the MAC Frame Preamble and continue as long as the ICS1893AG is receiving data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com