Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 87 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 87 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 83Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 84Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 85Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 86Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 87Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 91Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 135 page
background image
Chapter 8 Management Register Set
ICS1893AG, Rev. A 04/14/05
April, 2005
87
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.12.1 Data Rate (bit 17.15)
The Data Rate bit indicates the ‘selected technology’. If the ICS1893AG is in:
• Hardware mode, the value of this bit is determined by the 10/100SEL input pin.
• Software mode, the value of this bit is determined by the Data Rate bit 0.13.
When bit 17.15 is logic:
• Zero, it indicates that 10-MHz operations are selected.
• One, the ICS1893AG is indicating that 100-MHz operations are selected.
Note: This bit does not imply any link status.
8.12.2 Duplex (bit 17.14)
The Duplex bit indicates the ‘selected technology’. If the ICS1893AG is in:
• Hardware mode, the value of this bit is determined by the DPXSEL input pin.
• Software mode, the value of this bit is determined by the Duplex Mode bit 0.8.
When bit 17.14 is logic:
• Zero, it indicates that half-duplex operations are selected.
• One, the ICS1893AG is indicating that full-duplex operations are selected.
Note: This bit does not imply any link status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com