Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 43 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 43 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 44Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 45Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 47Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 135 page
background image
Chapter 7 Functional Blocks
ICS1893AG, Rev. A 04/14/05
April, 2005
43
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.4 Functional Block: 100Base-TX TP-PMD Operations
The ICS1893AG supports both 10Base-T and 100Base-TX operations. For 100Base-TX operations, the
TP-PMD module performs stream-cipher scrambling/descrambling and MLT-3 encoding/decoding (3-level,
multi-level transition) in compliance with the ANSI Standard X3.263: 199X FDDI TP-PMD as defined in the
specification for 100Base-TX Twisted-Pair Physical Media Dependent (TP-PMD) Sublayer. The
ICS1893AG’s TP-PMD also performs DC restoration (that is, baseline wander correction) and adaptive
equalization on the received signals.
Note:
1. For an overview of 100Base-TX operations, see Section 5.5, “100Base-TX Operations”.
2. For more information on the Twisted-Pair Interface, see Section 6.3, “Twisted-Pair Interface”.
7.4.1 100Base-TX Operation: Stream Cipher Scrambler/Descrambler
When the ICS1893AG is operating in 100Base-TX mode, it employs a stream cipher
scrambler/descrambler that complies with the ANSI Standard X3.263: 199X FDDI TP-PMD. The purpose of
the stream cipher scrambler is to spread the transmission spectrum to minimize electromagnetic
compatibility problems. The stream cipher descrambler restores the received serial bit stream to its
unscrambled form.
The ICS1893AG “seeds” (that is, initializes) the Transmit Stream Cipher Shift register by using the
ICS1893AG PHY address from Table 8-16, which minimizes crosstalk and noise in repeater applications.
The MAC/Repeater Interface bypasses the stream cipher scrambler/descrambler when in the 100M
Symbol Interface mode.
7.4.2 100Base-TX Operation: MLT-3 Encoder/Decoder
When operating in the 100Base-TX mode, the ICS1893AG TP-PMD sublayer employs an MLT-3 encoder
and decoder. During data transmission, the TP-PMD encoder converts the NRZI bit stream received from
the PMA sublayer to a 3-level Multi-Level Transition code. The three levels are -1, 0, and +1. The results of
MLT-3 encoding provide a reduction in the transmitted energy over the critical frequency range from 20
MHz to 100 MHz. The TP-PMD MLT-3 decoder converts the received three-level signal back to an NRZI bit
stream.
7.4.3 100Base-TX Operation: DC Restoration
The ICS1893AG’s 100Base-TX operations uses a stream-cipher scrambler to minimize peak amplitudes in
the frequency spectrum. However, the nature of the stream cipher and MLT-3 encoding is such that long
sequences of consecutive zeros or ones can exist. These unbalanced data patterns produce an
undesirable DC component in the data stream known as ‘baseline wander’.
Baseline wander adversely affects the noise immunity of the receiver, because the ‘baseline’ signal moves
or ‘wanders’ from its nominal DC value. The ICS1893AG uses a unique technique to restore the DC
component ‘lost’ by the medium. As a result, the design is very robust, immune to noise and independent
of the data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com