Electronic Components Datasheet Search
  English  ▼

X  

ICS1893AGILF Datasheet(PDF) 60 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 60 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 57Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 58Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 60Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 64Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
60
Chapter 8 Management Register Set
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.2.5 Low Power Mode (bit 0.11)
This bit provides one way to control the ICS1893AG low-power mode function. When bit 0.11 is logic:
• Zero, there is no impact to ICS1893AG operations.
• One, the ICS1893AG enters the low-power mode. In this case, the ICS1893AG disables all internal
functions and drives all MAC/repeater output pins low except for those that support the MII Serial
Management Port. In addition, the ICS1893AG internally activates the TPTRI function to tri-state the
signals on the Twisted-Pair Transmit pins (TP_TXP and TP_TXN) and achieve additional power savings.
Note: There are two ways the ICS1893AG can enter low-power mode. When entering low-power mode:
• By setting bit 0.11 to logic one, the ICS1893AG maintains the value of all Management Register
bits except the latching high (LH) and latching low (LL) status bits, which are re-initialized to their
default values instead. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
• During a reset, the ICS1893AG sets all management register bits to their default values.
8.2.6 Isolate (bit 0.10)
This bit controls the ICS1893AG Isolate function. When bit 0.10 is logic:
• Zero, there is no impact to ICS1893AG operations.
• One, the ICS1893AG electrically isolates its data paths from the MAC/Repeater Interface. The
ICS1893AG places all MAC/repeater output signals (TXCLK, RXCLK, RXDV, RXER, RXD[3:0], COL,
and CRS) in a high-impedance state and it isolates all MAC/repeater input signals (TXD[3:0], TXEN, and
TXER). In this mode, the Serial Management Interface continues to operate normally (that is, bit 0.10
does not affect the Management Interface).
The default value for bit 0.10 depends upon the PHY address of Table 8-16. If the PHY address:
• Is equal to 00000b, then the default value of bit 0.10 is logic one, and the ICS1893AG isolates itself from
the MAC/Repeater Interface.
• Is not equal to 00000b, then the default value of bit 0.10 is logic zero, and the ICS1893AG does not
isolate its MAC/Repeater Interface.
8.2.7 Restart Auto-Negotiation (bit 0.9)
This bit allows an STA to restart the auto-negotiation process in Software mode (that is, the HW/SW pin is
logic one). When bit 0.12 is logic:
• Zero, the Auto-Negotiation sublayer is disabled, and the ICS1893AG isolates any attempt by the STA to
set bit 0.9 to logic one.
• One (as set by an STA), the ICS1893AG restarts the auto-negotiation process. Once the
auto-negotiation process begins, the ICS1893AG automatically sets this bit to logic zero, thereby
providing the self-clearing feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com