Electronic Components Datasheet Search
  English  ▼

X  

DA14683 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 35Page - Dialog Semiconductor DA14683 Datasheet HTML 36Page - Dialog Semiconductor DA14683 Datasheet HTML 37Page - Dialog Semiconductor DA14683 Datasheet HTML 38Page - Dialog Semiconductor DA14683 Datasheet HTML 39Page - Dialog Semiconductor DA14683 Datasheet HTML 40Page - Dialog Semiconductor DA14683 Datasheet HTML 41Page - Dialog Semiconductor DA14683 Datasheet HTML 42Page - Dialog Semiconductor DA14683 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
39 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
the DCDC converter comprises 4 outputs:
• Vext which connects to the VDD1V8P pin and deliv-
ers 75 mA when DA14683 is in active and 10 mA
when in Sleep mode. The voltage range of this
power rail is 1.8 V +/- 5%. External devices, such as
Power Amplifiers (PA), Front End Modules (FEMs),
FLASH or sensors can be powered by this rail.
• Vflash which is used for supplying external devices.
This rail’s characteristics are identical to the Vext
one.
• Vradio which powers the RF circuits via a number of
dedicated LDOs. This rail delivers up to 20 mA at 1.4
V and should not be used for supplying external
devices.
• Vcore which supplies the digital core of the
DA14683 and delivers up to 50 mA at 1. 2 V when in
Active mode. This rail should not be used for supply-
ing external devices.
The converter has an asynchronous architecture, i.e.
the on-time of the switches is not determined by an
external clock. Instead, the on-time is determined by a
(dynamically varying) current limit in the external induc-
tor. If one of the output voltages is too low (determined
using clocked comparators) a charge cycle is triggered.
However, it is possible for more than one outputs to be
below minimum at the same time, in which case the
system has to decide which output to charge first. This
is done using a priority select register, which holds the
sequence in which the outputs will be charged. Each
time one or more outputs require a charge cycle, the
system sorts the outputs based on this priority register
and loads this sequence in a four tab shift register.
In order to minimize the ripple voltage on the outputs,
the current limit is dynamically set during operation in
Active mode. This is done by measuring how long each
output is above its minimum value after a charge cycle.
When this time is very long, more charge than required
(given the load current) was stored on the output
capacitor, so the current limit is reduced by one bit
(LSB). However, when the output voltage drops too
quickly, not enough charge was delivered to the output
capacitor, so the current limit is increased by one bit
(LSB).
Figure 13: SIMO DCDC Converter block diagram
DIGITAL
FSM
Charge Initiate
State
Output Select
VBAT
P_SW
IMAX
LEXT
470 nH
N_SW
IL=0
IL=IMAX
FW_SW
CEXT_V18P 
= 10 µF
CEXT_V12 = 
4.7 µF
CEXT_V18 
= 10 µF
CEXT_V14 
= 10 µF
OFF CHIP
Set V14
Set VDD1V8
Set VDD1V2
Set VDD1V8P
Vradio
Vflash
Vcore
Vext



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com