Electronic Components Datasheet Search
  English  ▼

X  

DA14683 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 33Page - Dialog Semiconductor DA14683 Datasheet HTML 34Page - Dialog Semiconductor DA14683 Datasheet HTML 35Page - Dialog Semiconductor DA14683 Datasheet HTML 36Page - Dialog Semiconductor DA14683 Datasheet HTML 37Page - Dialog Semiconductor DA14683 Datasheet HTML 38Page - Dialog Semiconductor DA14683 Datasheet HTML 39Page - Dialog Semiconductor DA14683 Datasheet HTML 40Page - Dialog Semiconductor DA14683 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
37 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
4
Power management
The DA14683 has a complete integrated power man-
agement unit (PMU) which comprises a Single Induct-
ance Multiple Output (SIMO) DC-DC converter with 4
outputs, various LDOs for the different power domains
of the system, a Constant Current Constant Voltage
(CCCV) charger for battery recharging, a charge detec-
tion circuit and a fuel gauge monitoring the remaining
battery charge when system is in active mode. The
PMU is capable of supplying external devices even
when the DA14683 is in sleep mode.
The system diagram of the analog Power Management
Unit (PMU) is presented in Figure 12.
Features
• Synchronous Single Inductance Multiple Output
Buck DC-DC converter with 4 output power rails
• Programmable DC-DC converter output charging
sequence
• Two DC-DC converter outputs at 1.8 V with 75 mA
load capability for powering external devices
• One LDO output up to 3.45 V with up to 110 mA load
capability
• Retention LDOs up to 10 mA that can be kept alive
during active
• DC-DC converter on/off control per output
• Active and Sleep mode current limited LDOs
• Use of small external components
• Supply of external rails (V33, VDD1V8, VDD1V8P)
while in Sleep mode
• Fuel gauge to indicate state-of-charge
• CCCV charger with battery/die-temperature protec-
tion
• Interrupt line for the DC-DC converter and VBUS
availability
4.1 ARCHITECTURE
There are 3 main power inputs, namely VBUS, VBAT1
and VBAT2. The VBUS is connected when charging
the battery through the USB connector. VBAT1 should
be shorted with VBAT2 externally and supplies the
LDOs, while VBAT2 supplies the SIMO DCDC con-
verter. There are certain parts of the PMU which are
always powered. They are designated in red in Figure
12. The always on power circuitry consists of 2 clamps
and LDO_SLEEP which provides the necessary volt-
Figure 12: Power management unit block diagram
VBUS
VBAT1
LDO-
VBAT
3.3V
Digital core
Dig.
Wake-up
ON/ OFF black blocks
ON/ OFF green blocks
V12
LDO_ core
(by- pass)
1.2V
SIMO
Buck
DCDC
LX
LDO-
USB
3.3V
CCCV
charger
LDO_ret
(clamp~2V)
Low power
LDO_ sleep
(clamp~1V)
Low power
LDO_ret
(clamp~2V)
Low power
Radio
USB
Dp
Dn
Vsys (1.7 V - 3.45V)
Vcore(1.2V)
Vflash(1.8V)
Vradio(1.4V)
LDO_IO
Band- gap
RC16
RCX
3x
Open-
drain
Vcont(<3.3V)
USB -
Charge
-detect
XTAL16M
XTAL32k
LDO-
VBAT_
RET
LDO_IO
_RET
VDDIO
QSPI-I/O
LDO_ radio
(by- pass)
1.4V
V33
Vsys
GPIOs
SOCP
SOCN
(4.2 V- 5.75V)
75mA/10 mA
50mA
0.47uH
10 uF
10uF
4.7uF
0.1 Ohm
(1.7 V - 4.75V)
FUEL
GAUGE
4.7uF
20mA
LY
V14
Vcore
10uF
LDO_IO2
LDO_IO
_RET2
Vext(1.8V) 75mA/10 mA
RC32
VBAT2
10 uF
10 uF
LDO
1V2
V14_RF
ADC,
PLL
LDO
1V2
110mA/10mA
VDD1V8
VDD1V8P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com