Electronic Components Datasheet Search
  English  ▼

X  

DA14683 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 62Page - Dialog Semiconductor DA14683 Datasheet HTML 63Page - Dialog Semiconductor DA14683 Datasheet HTML 64Page - Dialog Semiconductor DA14683 Datasheet HTML 65Page - Dialog Semiconductor DA14683 Datasheet HTML 66Page - Dialog Semiconductor DA14683 Datasheet HTML 67Page - Dialog Semiconductor DA14683 Datasheet HTML 68Page - Dialog Semiconductor DA14683 Datasheet HTML 69Page - Dialog Semiconductor DA14683 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
66 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
Interrupt priorities are programmable by the Arm Cor-
tex-M0. The lower the priority number, the higher the
priority level. The priority level is stored in a byte-wide
register, which is set to 0x0 at reset. Interrupts with the
same priority level follow a fixed priority order using the
interrupt number listed in Table 21 (lower interrupt
number has higher priority level).
To access the Cortex-M0 NVIC registers, CMSIS func-
tions can be used. The input parameter IRQn of the
CMSIS NVIC access functions is the IRQ number. This
can be the IRQ number or (more convenient) the corre-
sponding IRQ name listed in Table 21. The corre-
sponding interrupt handler name in the vector table for
IRQ#15 is e.g. UART_Handler. For more information
on the Arm Cortex-M0 interrupts and the correspond-
ing CMSIS functions, see section 4.2 Nested Vectored
Interrupt Controller on page 4-3 in the Cortex-M0 User
Guide Reference Material.
The Watchdog interrupt is connected to the NMI input
of the processor.
26
dma_irq
DMA interrupt.
27
rf_diag_irq
Baseband or Radio diagnostics Interrupt.
28
trng_irq
True random number generator interrupt.
29
dcdc_irq
DCDC timeout interrupt.
30
xtal16rdy_irq
XTAL16 oscillator ready interrupt. Clock is 16MHz (<50ppm) and 60/40 %
duty cycle
31
pll_lock_irq
Indicates that the PLL has locked at 96 MHz
Table 21: Interrupt list
IRQ
number
(inherent
priority)
IRQ name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com