Electronic Components Datasheet Search
  English  ▼

X  

DA14683 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 82 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 78Page - Dialog Semiconductor DA14683 Datasheet HTML 79Page - Dialog Semiconductor DA14683 Datasheet HTML 80Page - Dialog Semiconductor DA14683 Datasheet HTML 81Page - Dialog Semiconductor DA14683 Datasheet HTML 82Page - Dialog Semiconductor DA14683 Datasheet HTML 83Page - Dialog Semiconductor DA14683 Datasheet HTML 84Page - Dialog Semiconductor DA14683 Datasheet HTML 85Page - Dialog Semiconductor DA14683 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
82 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
Note 3: Total Delay QSPI FLASH output + PCB delay + Tsux_qspi_dif < 1/Fqspi_sck.
E.g Winbond output + PCB delay = 6ns, -> Tsux_qspi_dif < 1/96MHz - 7 = 3.41 -> QSPI_PCLK_MD= 6, QSPI_RPIPE_EN=1 is recom-
mended value for all QSPI_SCK frequencies and shall be set before the maximum frequency is applied
Figure 48: QSPI Input Timing
Figure 49: QSPI output Timing
Table 29: QSPI bus timing (VDDIO = 1.8V, Cload=15 pF)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
Fqspi_sck
QSPI _SCK frequency
96
MHz
Td_qspi_do
Delay QSPI_SCK to QSPI_IOx
-1.4
3
ns
Tdr_qspi_cs
Delay QSPI_SCK to QSPI_CS Tqspi_sck=1/Fqspi_sck
Tqspi_sck
- 2.5
Tqspi_sck
+2.0
ns
Tdf_qspi_cs
Delay QSPI_CS to QSPI_SCK
Tqspi_sck=1/Fqspi_sck
Tqspi_sck
- 2.5
Tqspi_sck
+3.5
ns
Tsu_qspi_dif
Setup time QSPI_IO to
QSPI_SCK falling edge with
variable readpipe sample clock
delay QSPI_RPIPE_EN=1
QSPIC_PCLK_MD=6
2.6
ns
Thd_qspi_dif
Hold time QSPI_SCK falling
edge to QSPI_IO with variable
readpipe sample clock delay
QSPI_RPIPE_EN=1
QSPIC_PCLK_MD=6
-0.3
ns
QSPI Output
Thd_qspi_dif
Tsu_qspi_dif
1/Fqspi_clk
1/Fqspi_clk
QSPI_SCK
QSPI_IOx (input)
Td_qspi_do
Tdf_qspi_cs
Tdr_qspi_cs
MODE 3
MODE 0
MODE 3
MODE 0
QSPI_CS
QSPI_SCK
QSPI_IOx (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com