Electronic Components Datasheet Search
  English  ▼

X  

DA14683 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 36Page - Dialog Semiconductor DA14683 Datasheet HTML 37Page - Dialog Semiconductor DA14683 Datasheet HTML 38Page - Dialog Semiconductor DA14683 Datasheet HTML 39Page - Dialog Semiconductor DA14683 Datasheet HTML 40Page - Dialog Semiconductor DA14683 Datasheet HTML 41Page - Dialog Semiconductor DA14683 Datasheet HTML 42Page - Dialog Semiconductor DA14683 Datasheet HTML 43Page - Dialog Semiconductor DA14683 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
40 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
The efficiency of the DCDC converter on the VDD1V8
or VDD1V8P is illustrated in Figure 14. It is measured
at three battery voltages (VBAT). The load on V14 and
V12 is kept constant at 2mA and 5mA respectively.
Efficiency for sub-mA loads, i.e. between 100 uA and 1
mA is over 70% for VBAT > 3.5 V and over 80% for
VBAT < 3.5 V.
The efficiency of the V12 and V14 rails with respect to
the load as well as different VBAT voltages, is pre-
sented in Figure 15 and Figure 16:
Figure 14: 1.8V rails DCDC efficiency vs load
Figure 15: 1.2V rail DCDC efficiency vs load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com