Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0801604 Datasheet HTML 1Page - PHOENIX CONTACT 0801604 Datasheet HTML 2Page - PHOENIX CONTACT 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
3
Description
Type
Order No.
Pcs. / Pkt.
Axioline F digital input module, 32 inputs, 24 V DC, single-wire connection
method (including bus base module and connectors)
AXL F DI32/1 1F
2688035
1
3Ordering data
Accessories
Type
Order No.
Pcs. / Pkt.
Axioline F bus base module for housing type F (Replacement item)
AXL F BS F
2688129
5
Axioline F connector set (for e.g., AXL F DI32/1 1F) (Replacement item)
AXL CNS 4L-O/D/UI/E1
2700982
1
Zack marker strip for Axioline F (device labeling), in 2 x 20.3 mm pitch, un-
printed, 25-section, for individual labeling with B-STIFT 0.8, X-PEN, or
CMS-P1-PLOTTER (Marking)
ZB 20,3 AXL UNPRINTED
0829579
25
Zack marker strip, flat, in 10 mm pitch, unprinted, 10-section, for individual
labeling with M-PEN 0,8, X-PEN, or CMS-P1-PLOTTER (Marking)
ZBF 10/5,8 AXL UNPRINTED
0829580
50
Insert label, Roll, white, unlabeled, can be labeled with: THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK X, THERMOMARK
S1.1, Mounting type: snapped into marker carrier, Lettering field: 35 x 46
mm (Marking)
EMT (35X46)R
0801604
1
Documentation
Type
Order No.
Pcs. / Pkt.
User manual, English, Axioline F: System and installation
UM EN AXL F SYS INST
-
-
User manual, English, Axioline F: Diagnostic registers, and error messages
UM EN AXL F SYS DIAG
-
-
Dimensions (nominal sizes in mm)
Width
53.6 mm
Height
126.1 mm
Depth
54 mm
Note on dimensions
The depth is valid when a TH 35-7.5 DIN rail is used (according to EN 60715).
4
Technical data
53,6
54
General data
Color
traffic grey A RAL 7042
Weight
167 g (with connectors and bus base module)
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com