Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801604 Datasheet HTML 1Page - PHOENIX CONTACT 0801604 Datasheet HTML 2Page - PHOENIX CONTACT 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1Description
Axioline F digital input module, 32 inputs,
24 V DC, 1-wire connection method
AXL F DI32/1 1F
© PHOENIX CONTACT
Data sheet
The module is designed for use within an Axioline F station.
It is used to acquire digital signals.
The filter times of the inputs can be set to increase noise
immunity.
Filter times of 100 μs allow the user to implement a counter
function with a maximum input frequency of 5 kHz in the
application.
Features
–
32 digital inputs according to EN 61131-2 type 1 and
type 3
–24 V DC, 2.4 mA
–
Connection of sensors in 1-wire technology
–
Minimum update time < 100 μs
–
Filter times can be set in three increments: < 100 µs,
1000 µs or 3000 µs
–
Maximum input frequency: 5 kHz
–
Device type label stored
–
Diagnostic and status indicators
This data sheet is only valid in association with the UM EN AXL F SYS INST user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8020_en_03
2015-04-07


Similar Part No. - 0801604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801604 PHOENIX-0801604 Datasheet
243Kb / 14P
Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
0801604 PHOENIX-0801604 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
More results

Similar Description - 0801604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2702106 PHOENIX-2702106 Datasheet
242Kb / 14P
Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2688022 PHOENIX-2688022 Datasheet
217Kb / 12P
Axioline F digital input module, 16 inputs, 24 V DC, 2, 3 or 4-wire connection method
2688051 PHOENIX-2688051 Datasheet
243Kb / 14P
Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
2688349 PHOENIX-2688349 Datasheet
220Kb / 14P
Axioline F digital output module, 16 outputs, 24 V DC, 500 mA, 1-wire connection method
2688381 PHOENIX-2688381 Datasheet
218Kb / 14P
Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
2688310 PHOENIX-2688310 Datasheet
200Kb / 12P
Axioline F digital input module, 16 inputs, 24 V DC, 1-wire connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com