Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 0801604 Datasheet HTML 2Page - PHOENIX CONTACT 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT 0801604 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
6
5
Internal circuit diagram
Figure 1
Internal wiring of the terminal points
Key:
6
Terminal point assignment
Figure 2
Terminal point assignment
7
Connection example
Figure 3
Example of a connection of sensors when
using external busbars
Ensure that GND of the sensors and GND for U
I have the
same potential.
Local bus
Axioline F local bus
(hereinafter referred to as local bus)
Microcontroller
Optocoupler
LED
Power supply unit
Electrically isolated areas
Input circuit
Input circuit
μC
D
UI
4x
DI 1...32
U
24 V
I
U
Bus
Local bus
Input circuit
01
36
37
00
00
36
01
37
00
10
20
30
01
11
21
31
µC
Termi-
nal
point
Color
Assignment
Supply voltage input
a1, a2
Red
24 V DC
(U
I)
Digital input module sup-
ply (internally jumpered)
b1, b2
Blue
GND
Reference potential of
the supply voltage (inter-
nally jumpered)
Digital inputs
00 ... 07
Orange
IN1 ... IN8
Digital inputs 1 ... 8
10 ... 17
Orange
IN9 ... IN16
Digital inputs 9 ... 16
20 ... 27
Orange
IN17 ...
IN24
Digital inputs 17 ... 24
30 ... 37
Orange
IN25 ...
IN32
Digital inputs 25 ... 32
a1
b1
a2
b2
a1
a2
b1
b2
00
10
20
30
01
11
21
31
04
14
24
34
05
15
25
35
06
16
26
36
07
17
27
37
02
12
22
32
03
13
23
33
00
10
20
30
07
17
27
37
+24V
IN25
+24V
IN1
+24V
IN2
+24V
IN26
+24V
00
10
20
30
01
11
21
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com