Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT 0801604 Datasheet HTML 10Page - PHOENIX CONTACT 0801604 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
8
9Process data
The I/O data is displayed in S7-compatible format.
IN process data
10
Parameter, diagnostics and infor-
mation (PDI)
Parameter and diagnostic data as well as other information
is transmitted via the PDI channel of the Axioline F station.
The standard and application objects stored in the module
are described in the following section.
The following applies to all tables below:
Please refer to the UM EN AXL F SYS INST for an explana-
tion of the object codes and data types.
Byte
0
Bit
7
6
543
21
0
Channel
8
7
654
32
1
Terminal
point
07
06
05
04
03
02
01
00
Byte
1
Bit
7
6
543
21
0
Channel16151413
121110
9
Terminal
point
17
16
15
14
13
12
11
10
Byte
2
Bit
7
6
543
21
0
Channel24232221
20191817
Terminal
point
27
26
25
24
23
22
21
20
Byte
3
Bit
7
6
543
21
0
Channel32313029
28272625
Terminal
point
37
36
35
34
33
32
31
30
Abbreviation
Meaning
A
Number of elements
L
Length of the elements
RRead
WWrite
Every visible string is terminated with a zero
terminator (00
hex). The length of a visible
string element is therefore one byte larger
than the amount of user data.
For detailed information on PDI and the ob-
jects, please refer to the
UM EN AXL F SYS INST user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com