Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0801604 Datasheet HTML 1Page - PHOENIX CONTACT 0801604 Datasheet HTML 2Page - PHOENIX CONTACT 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
4
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Mounting position
Any (no temperature derating)
General data
Connection data
Designation
Axioline F connector
Connection method
Push-in technology
Conductor cross section solid / stranded
0.2 mm² ... 1.5 mm² / 0.2 mm² ... 1.5 mm²
Conductor cross section [AWG]
24 ... 16
Stripping length
8 mm
Interface Axioline F local bus
Connection method
Bus base module
Transmission speed
100 MBit/s
Communications power
Communications power U
Bus
5 V DC (via bus base module)
Current consumption from U
Bus
max. 120 mA
Power consumption at U
Bus
max. 600 mW
I/O supply
Supply of digital input modules U
I
24 V DC
Maximum permissible voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Current consumption from U
I
max. 50 mA
Power consumption at U
I
typ. 960 mW, max. 1.2 W
Surge protection of the supply voltage
Electronic (35 V, 0.5 s)
Polarity reversal protection of the supply voltage
Parallel diode; with external 5 A fuse (for startup only)
Protection
max. 8 A (polarity reversal protection up to 5 A)
When using for the first time, protect the module with a 5 A fuse. If all the modules are correctly connected in the system, the 5 A fuse can be
replaced by an 8 A fuse. you can now load the module up to 8 A.
NOTE: Damage to the electronics
Provide the module with an external fuse to protect it against polarity reversal. The power supply unit must be able to supply four times the
nominal current of the external fuse, to ensure that it trips in the event of an error.
Digital inputs
Number of inputs
32
Connection method
Push-in technology
Connection method
1-wire
Description of the input
EN 61131-2 types 1 and 3
Nominal input voltage
24 V DC
Nominal input current
2.4 mA
Current flow
Linear until nominal current is reached, then constantly approx. 2.4 mA
Input voltage range "0" signal
-3 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Input filter time
3000 µs (default), 1000 µs, < 100 µs
Process data update
< 100 µs
Polarity reversal protection of the inputs
Parallel diode (30 V, 5 s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com