Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT 0801604 Datasheet HTML 10Page - PHOENIX CONTACT 0801604 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
7
8
Local status and diagnostic indicators
Figure 4
Local status and diagnostic indicators
D
UI
30
32
34
36
31
33
35
37
20
22
24
26
21
23
25
27
10
12
14
16
11
13
15
17
00
02
04
06
01
03
05
07
Designation
Color
Meaning
State
Description
DRed/
yellow/
green
Diagnostics of local bus communication
Run
Green ON
The device is ready for operation, communication within the station
is OK.
All data is valid. There are no faults.
Active
Green
flashing
The device is ready for operation, communication within the station
is OK.
The data is not valid. Valid data from the controller/higher-level net-
work not available.
There is no fault in the module.
Device ap-
plication not
active
Flashing
green/yel-
low
The device is ready for operation, communication within the station
is OK.
Output data cannot be outputted and/or input data cannot be read.
There is a fault on the periphery side of the module..
Ready
Yellow ON The device is ready for operation but did not detect a valid cycle after
power-on.
Connected
Yellow
flashing
The device is not (yet) part of the active configuration.
Reset
Red ON
The device is ready for operation but has lost the connection to the
bus head.
Not con-
nected
Red flash-
ing
The device is ready for operation but there is no connection to the
previously existing device.
Power
down
OFF
Device in (power) reset.
UI
Green
U
Input
ON
Supply of digital input modules present.
OFF
Supply of digital input modules not present.
00 ... 32
Yellow
Status of
the inputs
ON
Input is set.
OFF
Input is not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com