Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT 0801604 Datasheet HTML 10Page - PHOENIX CONTACT 0801604 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AXL F DI32/1 1F
8020_en_03
PHOENIX CONTACT
9
11
Standard objects
11.1
Objects for identification (device rating plate)
Index
(hex)
Object name
Object
type
Data type
A
L
Rights
Meaning
Contents
Manufacturer
0001
VendorName
Var
Visible String
1
16
R
Vendor name
Phoenix Contact
0002
VendorID
Var
Visible String
1
7
R
Vendor ID
00A045
0003
VendorText
Var
Visible String
1
49R
Vendor text
Components and
systems for indus-
trial automation
0012
VendorURL
Var
Visible String
1
23
R
Vendor URL
www.phoenixcon-
tact.com
Module - general
0004
DeviceFamily
Var
Visible String
1
15
R
Device family
I/O digital IN
0006
ProductFamily
Var
Visible String
1
6
R
Product family
AXL F
000E
CommProfile
Var
Visible String
1
4
R
Communication pro-
file
633
000F
DeviceProfile
Var
Visible String
1
5
R
Device profile
0010
0011
ProfileVersion
Record
Visible String
2
11; 20
R
Profile version
2011-12-07;
Basic Profile V2.0
003A
VersionCount
Array
Unsigned 16
4
4 * 2
R
Version counter
e.g., 0007 0001
0000 0000
hex
Module - special
0005
Capabilities
Array
Visible String
1
8
R
Features
Nothing
0007
ProductName
Var
Visible String
1
16
R
Product name
AXL F DI32/1 1F
0008
SerialNo
Var
Visible String
1
11
R
Serial number
xxxxxxxxxx (e. g.,
1234512345)
0009
ProductText
Var
Visible String
1
37
R
Product text
32 digital inputs, ad-
justable filter
000A
OrderNumber
Var
Visible String
1
8
R
Order No.
2688035
000B
HardwareVersion
Record
Visible String
2
11; 3
R
Hardware version
e. g., 2011-02-04; 00
000C
FirmwareVersion
Record
Visible String
2
11; 3
R
Firmware version
0000-00-00; --
000D
PChVersion
Record
Visible String
2
11; 6
R
Parameter channel
version
2010-01-08; V1.00
0037
DeviceType
Var
Octet string
1
8
R
Module identification
00 80 00 04 00 00 00
D2
hex
Use of the device
0014
Location
Var
Visible String
1
59
R/W
Location
Can be filled out by
the user.
0015
EquipmentIdent
Var
Visible String
1
59
R/W
Equipment identifier
Can be filled out by
the user.
0016
ApplDeviceAddr
Var
Unsigned 16
1
2
R/W
Application device
address
Can be filled out by
the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com