Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 12Page - NXP Semiconductors IMX53CEC Datasheet HTML 13Page - NXP Semiconductors IMX53CEC Datasheet HTML 14Page - NXP Semiconductors IMX53CEC Datasheet HTML 15Page - NXP Semiconductors IMX53CEC Datasheet HTML 16Page - NXP Semiconductors IMX53CEC Datasheet HTML 17Page - NXP Semiconductors IMX53CEC Datasheet HTML 18Page - NXP Semiconductors IMX53CEC Datasheet HTML 19Page - NXP Semiconductors IMX53CEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 177 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 8
16
NXP Semiconductors
Modules List
USB
USB Controller
Connectivity
Peripherals
USB supports USB2.0 480 MHz, and contains:
• One high-speed OTG sub-block with integrated HS USB PHY
• One high-speed host sub-block with integrated HS USB PHY
• Two identical high-speed Host modules
The high-speed OTG module, which is internally connected to the HS USB
PHY, is equipped with transceiver-less logic to enable on-board USB
connectivity without USB transceivers
All the USB ports are equipped with standard digital interfaces (ULPI, HS
IC-USB) and transceiver-less logic to enable onboard USB connectivity
without USB transceivers.
VPU
Video Processing
Unit
Multimedia
Peripherals
A high-performing video processing unit (VPU) version 3, which covers
many SD-level video decoders and SD-level encoders as a multi-standard
video codec engine as well as several important video processing such as
rotation and mirroring.
VPU Features:
• MPEG-2 decode, Mail-High profile, up to 1080i/p resolution, 40 Mbps bit
rate
• MPEG4/XviD decode, SP/ASP profile, up to 1080 i/p resolution, 40 Mbps
bit rate
• H.263 decode, P0/P3 profile, up to 16CIF resolution, 20 Mbps bit rate
• H.264 decode, BP/MP/HP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• VC1 decode, SP/MP/AP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• RV10 decode, 8/9/2010 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• DivX decode, 3/4/5/6 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• MJPEG decode, Baseline profile, up to 8192 x 8192 resolution,
40 Mpixel/s bit rate for 4:4:4 format
• MPEG4 encode, Simple profile, up to 720p resolution, 12 Mbps bit rate1
• H.263 encode, P0/P3 profile, up to 4CIF resolution, 8 Mbps bit rate1
• H.264 encode, Baseline profile, up to 720p resolution, 14 Mbps bit rate1
• MJPEG encode, Baseline profile, up to 8192 x 8192 resolution,
80 Mpixel/s bit rate for 4:2:2 format
WDOG-1
Watch Dog
Timer
Peripherals
The watch dog timer supports two comparison points during each counting
period. Each of the comparison points is configurable to evoke an interrupt
to the ARM core, and a second point evokes an external event on the
WDOG line.
WDOG-2
(TZ)
Watch Dog
(TrustZone)
Timer
Peripherals
The TrustZone watchdog (TZ WDOG) timer module protects against
TrustZone starvation by providing a method of escaping normal mode and
forcing a switch to the TZ mode. TZ starvation is a situation where the
normal OS prevents switching to the TZ mode. This situation should be
avoided, as it can compromise the system’s security. Once the TZ WDOG
module is activated, it must be serviced by TZ software on a periodic basis.
If servicing does not take place, the timer times out. Upon a time-out, the TZ
WDOG asserts a TZ mapped interrupt that forces switching to the TZ mode.
If it is still not served, the TZ WDOG asserts a security violation signal to the
CSU. The TZ WDOG module cannot be programmed or deactivated by a
normal mode SW.
Table 3. i.MX53xD Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com