Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 96 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 92Page - NXP Semiconductors IMX53CEC Datasheet HTML 93Page - NXP Semiconductors IMX53CEC Datasheet HTML 94Page - NXP Semiconductors IMX53CEC Datasheet HTML 95Page - NXP Semiconductors IMX53CEC Datasheet HTML 96Page - NXP Semiconductors IMX53CEC Datasheet HTML 97Page - NXP Semiconductors IMX53CEC Datasheet HTML 98Page - NXP Semiconductors IMX53CEC Datasheet HTML 99Page - NXP Semiconductors IMX53CEC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 177 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 8
96
NXP Semiconductors
Electrical Characteristics
4.7.7.7.1
TVEv2 TV Encoder Performance Specifications
The TV encoder output specifications are shown in Table 66. All the parameters in the table are defined
under the following conditions:
•Rset = 1.05 kΩ ±1%, resistor on TVDAC_VREF pin to GND
•Rload = 37.5 Ω ±1%, output load to the GND
Table 66. TV Encoder Video Performance Specifications
Parameter
Conditions
Min
Typ
Max
Unit
DAC STATIC PERFORMANCE
Resolution1
——
10
—
Bits
Integral Nonlinearity (INL)2
—
—
1
2
LSBs
Differential Nonlinearity (DNL) 2
—
—
0.6
1
LSBs
Channel-to-channel gain matching2
——
2
—
%
Full scale output voltage2
Rset = 1.05 kΩ ±1%
Rload = 37.5 Ω ±1%
1.24
1.306
1.37
V
DAC DYNAMIC PERFORMANCE
Spurious Free Dynamic Range (SFDR)
Fout = 3.38 MHz
Fsamp = 216 MHz
—59
—
dBc
Spurious Free Dynamic Range (SFDR)
Fout = 8.3 MHz
Fsamp = 297 MHz
—54
—
dBc
VIDEO PERFORMANCE IN SD MODE2
Short Term Jitter (Line to Line)
—
—
2.5
—
±ns
Long Term Jitter (Field to Field)
—
—
3.5
—
±ns
Frequency Response
0–4.0 MHz
-0.1
—
0.1
dB
5.75 MHz
-0.7
—
0
dB
Luminance Nonlinearity
—
—
0.5
—
±%
Differential Gain
—
—
0.35
—
%
Differential Phase
—
—
0.6
—
Degrees
Signal-to-Noise Ratio (SNR)
Flat field full bandwidth
—
75
—
dB
Hue Accuracy
—
—
0.8
—
±Degrees
Color Saturation Accuracy
—
—
1.5
—
±%
Chroma AM Noise
—
—
-70
—
dB
Chroma PM Noise
—
—
-47
—
dB
Chroma Nonlinear Phase
—
—
0.5
—
±Degrees
Chroma Nonlinear Gain
—
—
2.5
—
±%
Chroma/Luma Intermodulation
—
—
0.1
—
±%
Chroma/Luma Gain Inequality
—
—
1.0
—
±%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com