Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 62Page - NXP Semiconductors IMX53CEC Datasheet HTML 63Page - NXP Semiconductors IMX53CEC Datasheet HTML 64Page - NXP Semiconductors IMX53CEC Datasheet HTML 65Page - NXP Semiconductors IMX53CEC Datasheet HTML 66Page - NXP Semiconductors IMX53CEC Datasheet HTML 67Page - NXP Semiconductors IMX53CEC Datasheet HTML 68Page - NXP Semiconductors IMX53CEC Datasheet HTML 69Page - NXP Semiconductors IMX53CEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 177 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 8
66
NXP Semiconductors
Electrical Characteristics
Figure 31 and Table 46 show the data read timing parameters.
Figure 31. DDR SDRAM DQ vs. DQS and SDCLK Read Cycle
Table 45. DDR SDRAM Write Cycle 1 2 3
1 All timings are refer to Vref level cross point.
2
Reference load model is 25
Ω resistor from each of the DDR outputs to VDD_REF.
3 To receive the reported setup and hold values, write calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR17
DQ and DQM setup time to DQS (differential strobe)
tDS
0.285
—
ns
DDR18
DQ and DQM hold time to DQS (differential strobe)
tDH
0.285
—
ns
DDR21
DQS latching rising transitions to associated clock edges
tDQSS
-0.25
+0.25
tCK
DDR22
DQS high level width
tDQSH
0.45
0.55
tCK
DDR23
DQS low level width
tDQSL
0.45
0.55
tCK
Table 46. DDR SDRAM Read Cycle 1
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR26
Minimum required DQ valid window width
except from LPDDR2
—0.6
—
ns
DDR26(LP
DDR2)
Minimum required DQ valid window width
for LPDDR2
—0.425
—
ns
DDR27
DQS to DQ valid data
—
0.275
0.475
ns
SDCLK
SDCLK_B
DQS (input)
DQ (input)
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DDR26
DDR27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com