Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 42Page - NXP Semiconductors IMX53CEC Datasheet HTML 43Page - NXP Semiconductors IMX53CEC Datasheet HTML 44Page - NXP Semiconductors IMX53CEC Datasheet HTML 45Page - NXP Semiconductors IMX53CEC Datasheet HTML 46Page - NXP Semiconductors IMX53CEC Datasheet HTML 47Page - NXP Semiconductors IMX53CEC Datasheet HTML 48Page - NXP Semiconductors IMX53CEC Datasheet HTML 49Page - NXP Semiconductors IMX53CEC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 177 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 8
46
NXP Semiconductors
Electrical Characteristics
Table 34 shows the electrical parameters of CAMP.
4.6.4
DPLL Electrical Parameters
Table 35 shows the electrical parameters of digital phase-locked loop (DPLL).
Table 34. CAMP Electrical Parameters (CKIH1, CKIH2)
Parameter
Min
Typ
Max
Unit
Input frequency
8.0
—
40.0
MHz
VIL (for square wave input)
0
—
0.3
V
VIH (for square wave input)1
1 NVCC_CKIH is the supply voltage of CAMP.
NVCC_CKIH - 0.25
—
NVCC_CKIH
V
Sinusoidal input amplitude
0.4
—
VDD
Vp-p
Output duty cycle
45
50
55
%
Table 35. DPLL Electrical Parameters
Parameter
Test Conditions/Remarks
Min
Typ
Max
Unit
Reference clock frequency range1
1 Device input range cannot exceed the electrical specifications of the CAMP, see Table 34.
—10
—
100
MHz
Reference clock frequency range after
pre-divider
—10
—
40
MHz
Output clock frequency range (dpdck_2)
—
300
—
1025
MHz
Pre-division factor2
2 The values specified here are internal to DPLL. Inside the DPLL, a “1” is added to the value specified by the user. Therefore,
the user has to enter a value “1” less than the desired value at the inputs of DPLL for PDF and MFD.
—1
—
16
—
Multiplication factor integer part
—
5
—
15
—
Multiplication factor numerator3
3 The maximum total multiplication factor (MFI + MFN/MFD) allowed is 15. Therefore, if the MFI value is 15, MFN value must
be zero.
Should be less than denominator
-67108862
—
67108862
—
Multiplication factor denominator2
—
1
—
67108863
—
Output Duty Cycle
—
48.5
50
51.5
%
Frequency lock time4
(FOL mode or non-integer MF)
——
—
398
Tdpdref
Phase lock time
—
—
—
100
µs
Frequency jitter5 (peak value)
—
—
0.02
0.04
Tdck
Phase jitter (peak value)
FPL mode, integer and fractional MF
—
2.0
3.5
ns
Power dissipation
fdck = 300 MHz at avdd = 1.8 V,
dvdd = 1.2 V
fdck = 650 MHz at avdd = 1.8 V,
dvdd = 1.2 V
—
—
0.65 (avdd)
0.92 (dvdd)
1.98 (avdd)
1.8 (dvdd)
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com