Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 39Page - NXP Semiconductors IMX53CEC Datasheet HTML 40Page - NXP Semiconductors IMX53CEC Datasheet HTML 41Page - NXP Semiconductors IMX53CEC Datasheet HTML 42Page - NXP Semiconductors IMX53CEC Datasheet HTML 43Page - NXP Semiconductors IMX53CEC Datasheet HTML 44Page - NXP Semiconductors IMX53CEC Datasheet HTML 45Page - NXP Semiconductors IMX53CEC Datasheet HTML 46Page - NXP Semiconductors IMX53CEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 177 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 8
NXP Semiconductors
43
4.5.4
UHVIO I/O AC Electrical Characteristics
Table 29 shows the AC parameters for UHVIO I/O operating in low output voltage mode. Table 30
shows the AC parameters for UHVIO I/O operating in high output voltage mode.
Table 28. LVIO I/O AC Parameters in Fast Mode
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition time greater than 25 ns.
trm
—
—
—
25
ns
Table 29. AC Electrical Characteristics of UHVIO Pad (Low Output Voltage Mode)
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
—
—
1.59/1.69
3.05/3.30
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
—
—
2.16/2.35
4.45/4.84
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
—
—
4.06/4.42
8.79/9.55
Output Pad Slew Rate (High Drive)1
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
tps
15 pF
35 pF
0.63/0.59
0.33/0.30
——
V/ns
Output Pad Slew Rate (Medium Drive)1
tps
15 pF
35 pF
0.46/0.42
0.22/0.21
——
Output Pad Slew Rate (Low Drive)1
tps
15 pF
35 pF
0.25/0.23
0.11/0.11
——
Output Pad di/dt (High Drive)
tdit
—
—
—
43.6
mA/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
32.3
Output Pad di/dt (Low drive)
tdit
—
—
—
18.24
Input Transition Times2
2 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Table 30. AC Electrical Characteristics of UHVIO Pad (High Output Voltage Mode)
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
—
—
1.72/1.92
3.46/3.70
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
—
—
2.38/2.56
5.07/5.25
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
—
—
4.55/4.58
10.04/9.94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com