Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX53CEC
Description  i.MX53xD Applications Processors for Consumer Products
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX53CEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX53CEC Datasheet HTML 22Page - NXP Semiconductors IMX53CEC Datasheet HTML 23Page - NXP Semiconductors IMX53CEC Datasheet HTML 24Page - NXP Semiconductors IMX53CEC Datasheet HTML 25Page - NXP Semiconductors IMX53CEC Datasheet HTML 26Page - NXP Semiconductors IMX53CEC Datasheet HTML 27Page - NXP Semiconductors IMX53CEC Datasheet HTML 28Page - NXP Semiconductors IMX53CEC Datasheet HTML 29Page - NXP Semiconductors IMX53CEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 177 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 8
26
NXP Semiconductors
Electrical Characteristics
•
I/O Supplies (NVCC_xxx) below or equal to 2.8 V nom./3.1 V max. should not precede
NVCC_CKIH. They can start powering ON during NVCC_CKIH ramp-up, before it is stabilized.
Within this group, the supplies can be powered-up in any order.
Alternatively, the on-chip regulator VDD_ANA_PLL can be used to power NVCC_CKIH and
NVCC_RESET. In this case, the sequence defined in the “Interfacing the i.MX53 Processor with
LTC3589-1” section of the i.MX53 System Development User's Guide (MX53UG) must be
followed.
•
I/O Supplies (NVCC_xxx) above 2.8 V nom./3.1 V max. should be powered ON only after
NVCC_CKIH is stable.
•
In case VDD_DIG_PLL and VDD_ANA_PLL are powered ON from internal voltage regulator
(default case for i.MX53xD), there are no related restrictions on VDD_REG, as it is used as their
internal regulators power source.
If VDD_DIG_PLL and VDD_ANA_PLL are powered on externally, to reduce current leakage
during the power-up, it is recommended to activate the VDD_REG before or at the same time with
VDD_DIG_PLL and VDD_ANA_PLL. If this sequencing is not possible, make sure that the 2.5 V
VDD_REG supply shut-off output impedance is higher than 1 k
Ω when it is inactive.
•
VDD_REG supply is required to be powered ON to enable DDR operation. It must be powered on
after VCC and before NVCC_EMI_DRAM. The sequence should be:
VCC
→VDD_REG →NVCC_EMI_DRAM
•
If SRTC is not used, VDDA and VDDAL1 can be powered ON anytime before POR_B, regardless
of any other power signal.
•
When SRTC is used, VDDA and VDDAL1 must be powered on before VDD_REG.
•
VDDGP can be powered ON anytime before POR_B, regardless of any other power signal.
•
VP and VPH can be powered up together, or anytime after, the VCC. VP and VPH should come
before POR.
•
TVDAC_DHVDD and TVDAC_AHVDDRGB should be powered from the same regulator. This
is due to ESD diode protection circuit, that may cause current leakage if one of the supplies is
powered ON before the other.
NOTE
The POR_B input must be immediately asserted at power-up and remain
asserted until after the last power rail reaches its working voltage.
NOTE
If NVCC_RESET power is removed or interrupted, a power-on reset is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com