Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT8644S
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
Burst Frequency
Soft-Start Tracking
Soft-Start Current
Error Amp Output Current
PG Thresholds Above VREF
PG Thresholds Below VREF
RT = 18.2k
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.875
1.900
1.925
1.950
1.975
2.000
2.025
8644S G17
VSS = 0.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Soft-Start Current
8644S G20
FB RISING
FB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–9.5
–9.0
–8.5
–8.0
–7.5
–7.0
–6.5
–6.0
PG Thresholds Below VREF
8644S G23
FB RISING
FB FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
8644S G22
RT Programmed Switching
Frequency
Minimum Input Voltage
SWITCHING FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
3
3.5
0
15
30
45
60
75
90
105
120
135
150
Frequency
8644S G24
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Minimum Input Voltage
8644S G25
SS VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
0.8
8644S G19
FRONT PAGE APPLICATION
VIN = 5V
VOUT = 1.2V
LOAD CURRENT (A)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
0.5
1.0
1.5
2.0
2.5
8644S G18
VC = 1.25V
FB PIN ERROR VOLTAGE (mV)
–200
–100
0
100
200
–400
–300
–200
–100
0
100
200
300
400
8644S G21
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com